Electronic Components Datasheet Search
  English  ▼

X  

FDC2114 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114 Datasheet(HTML) 59 Page - Texas Instruments

Back Button FDC2114 Datasheet HTML 53Page - Texas Instruments FDC2114 Datasheet HTML 54Page - Texas Instruments FDC2114 Datasheet HTML 55Page - Texas Instruments FDC2114 Datasheet HTML 56Page - Texas Instruments FDC2114 Datasheet HTML 57Page - Texas Instruments FDC2114 Datasheet HTML 58Page - Texas Instruments FDC2114 Datasheet HTML 59Page - Texas Instruments FDC2114 Datasheet HTML 60Page - Texas Instruments FDC2114 Datasheet HTML 61Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 59 / 61 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
( 2.6)
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
16X (0.6)
16X (0.25)
(3.8)
(3.8)
5X (
)
VIA
0.2
12X (0.5)
(0.25) TYP
(1)
(1)
4214978/A 10/2013
WQFN - 0.8 mm max height
RGH0016A
WQFN
SYMM
SEE DETAILS
1
4
5
8
9
12
13
16
SYMM
LAND PATTERN EXAMPLE
SCALE:15X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see QFN/SON PCB application report
in literature No. SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
METAL
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com