Electronic Components Datasheet Search
  English  ▼

X  

FDC2114 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # FDC2114
Description  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114 Datasheet(HTML) 40 Page - Texas Instruments

Back Button FDC2114 Datasheet HTML 36Page - Texas Instruments FDC2114 Datasheet HTML 37Page - Texas Instruments FDC2114 Datasheet HTML 38Page - Texas Instruments FDC2114 Datasheet HTML 39Page - Texas Instruments FDC2114 Datasheet HTML 40Page - Texas Instruments FDC2114 Datasheet HTML 41Page - Texas Instruments FDC2114 Datasheet HTML 42Page - Texas Instruments FDC2114 Datasheet HTML 43Page - Texas Instruments FDC2114 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
(0)

Lev
Lev
ref
RL
RE
C
C
Level
h
C
C
FDC2212, FDC2214, FDC2112, FDC2114
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
Application Information (continued)
distance between the sensing plate and the shield should be adjusted to achieve the required sensitivity
10.2 Typical Application
The FDC can be used to measure liquid level in non-conductive containers. Due to its very high excitation rate
capability, it is able to measure soapy water, ink, soap, and other conductive liquids. Capacitive sensors can be
attached to the outside of the container or be located remotely from the container, allowing for contactless
measurements.
The working principle is based on a ratiometric measurement; Figure 56 shows a possible system
implementation which uses three electrodes. The Level electrode provides a capacitance value proportional to
the liquid level. The Reference Environmental electrode and the Reference Liquid electrode are used as
references. The Reference Liquid electrode accounts for the liquid dielectric constant and its variation, while the
Reference Environmental electrode is used to compensate for any other environmental variations that are not
due to the liquid itself. Note that the Reference Environmental electrode and the Reference Liquid electrode are
the same physical size (hREF).
For this application, single-ended measurements on the active channels are appropriate, as the tank is
grounded. Use to determine the liquid level from the measured capacitances:
where
•
CRE is the capacitance of the Reference Environmental electrode,
•
CRL is the capacitance of the Reference Liquid electrode,
•
CLev is the current value of the capacitance measured at the Level electrode sensor,
•
CLev(0) is the capacitance of the Level electrode when the container is empty, and
•
hREF is the height in the desired units of the Container or Liquid Reference electrodes.
The ratio between the capacitance of the level and the reference electrodes allows simple calculation of the liquid
level inside the container itself. Very high sensitivity values (that is, many LSB/mm) can be obtained due to the
high resolution of the FDC2x1x, even when the sensors are located remotely from the container. Note that this
approach assumes that the container has a uniform cross section from top to bottom, so that each incremental
increase or decrease in the liquid represents a change in volume that is directly related to the height of the liquid.
40
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com