Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 157 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 153Page - Texas Instruments TMS320DM355 Datasheet HTML 154Page - Texas Instruments TMS320DM355 Datasheet HTML 155Page - Texas Instruments TMS320DM355 Datasheet HTML 156Page - Texas Instruments TMS320DM355 Datasheet HTML 157Page - Texas Instruments TMS320DM355 Datasheet HTML 158Page - Texas Instruments TMS320DM355 Datasheet HTML 159Page - Texas Instruments TMS320DM355 Datasheet HTML 160Page - Texas Instruments TMS320DM355 Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 163 page
background image
RTCK
TDO
TDI
4
5
TMS
6
7
TCK
1
2
3
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
5.18.1
JTAG Test-Port Electrical Data/Timing
Table 5-48. Timing Requirements for JTAG Test Port (see Figure 5-51)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
1
tc(TCK)
Cycle time, TCK
20
ns
2
tw(TCKH)
Pulse duration, TCK high
8
ns
3
tw(TCKL)
Pulse duration, TCK low
8
ns
4
tsu(TDIV-RTCKH)
Setup time, TDI valid before RTCK high
10
ns
5
th(RTCKH-TDIIV)
Hold time, TDI valid after RTCK high
9
ns
6
tsu(TMSV-RTCKH)
Setup time, TMS valid before RTCK high
2
ns
7
th(RTCKH-TMSIV)
Hold time, TMS valid after RTCK high
5
ns
Figure 5-51. JTAG Input Timing
Copyright © 2007–2010, Texas Instruments Incorporated
DM355 Peripheral Information and Electrical Specifications
157
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com