Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 158 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 154Page - Texas Instruments TMS320DM355 Datasheet HTML 155Page - Texas Instruments TMS320DM355 Datasheet HTML 156Page - Texas Instruments TMS320DM355 Datasheet HTML 157Page - Texas Instruments TMS320DM355 Datasheet HTML 158Page - Texas Instruments TMS320DM355 Datasheet HTML 159Page - Texas Instruments TMS320DM355 Datasheet HTML 160Page - Texas Instruments TMS320DM355 Datasheet HTML 161Page - Texas Instruments TMS320DM355 Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 163 page
background image
RTCK
TDO
13
8
9
10
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
Table 5-49. Switching Characteristics Over Recommended Operating Conditions for JTAG Test Port
(see Figure 5-51)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
8
tc(RTCK)
Cycle time, RTCK
20
ns
9
tw(RTCKH)
Pulse duration, RTCK high
10
10
tw(RTCKL)
Pulse duration, RTCK low
10
11
tr(all JTAG outputs)
Rise time, all JTAG outputs
1.3
ns
12
tf(all JTAG outputs)
Fall time, all JTAG outputs
1.3
ns
0.25*tc(RT
13
td(RTCKL-TDOV)
Delay time, TCK low to TDO valid
0
ns
CK)
Figure 5-52. JTAG Output Timing
158
DM355 Peripheral Information and Electrical Specifications
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com