Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 134 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 130Page - Texas Instruments TMS320DM355 Datasheet HTML 131Page - Texas Instruments TMS320DM355 Datasheet HTML 132Page - Texas Instruments TMS320DM355 Datasheet HTML 133Page - Texas Instruments TMS320DM355 Datasheet HTML 134Page - Texas Instruments TMS320DM355 Datasheet HTML 135Page - Texas Instruments TMS320DM355 Datasheet HTML 136Page - Texas Instruments TMS320DM355 Datasheet HTML 137Page - Texas Instruments TMS320DM355 Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 163 page
background image
tr
tf
VCRS
90%VOH
10%VOL
USB_DM
USB_DP
tper − tjr
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
5.10
USB 2.0
The DM355 USB2.0 peripheral supports the following features:
•
USB 2.0 peripheral at speeds high speed (HS: 480 Mb/s) and full speed (FS: 12 Mb/s)
•
USB 2.0 host at speeds HS, FS, and low speed (LS: 1.5 Mb/s)
•
All transfer modes (control, bulk, interrupt, and isochronous)
•
Four Transmit (TX) and four Receive (RX) endpoints in addition to endpoint 0
•
FIFO RAM
–
4K bytes shared by all endpoints.
–
Programmable FIFO size
•
Includes a DMA sub-module that supports four TX and four RX channels of CPPI 3.0 DMAs
•
RNDIS mode for accelerating RNDIS type protocols using short packet termination over USB
•
USB OTG extensions, i.e. session request protocol (SRP) and host negotiation protocol (HNP)
The DM355 USB2.0 peripheral does not support the following features:
•
On-chip charge pump
•
High bandwidth ISO mode is not supported (triple buffering)
•
RNDIS mode acceleration for USB sizes that are not multiples of 64 bytes
•
Endpoint max USB packet sizes that do not conform to the USB 2.0 spec (for FS/LS: 8, 16, 32, 64,
and 1023 are defined; for HS: 64, 128, 512, and 1024 are defined)
5.10.1 USB2.0 Electrical Data/Timing
Table 5-25. Switching Characteristics Over Recommended Operating Conditions for USB2.0 (see
Figure 5-33)
DM355
LOW SPEED
FULL SPEED
HIGH SPEED(1)
NO.
PARAMETER
UNIT
1.5 Mbps
12 Mbps
480 Mbps
MIN
MAX
MIN
MAX
MIN
MAX
1
tr(D)
Rise time, USB_DP and USB_DM signals(2)
75
300
4
20
0.5
ns
2
tf(D)
Fall time, USB_DP and USB_DM signals(2)
75
300
4
20
0.5
ns
3
tfrfm
Rise/Fall time, matching(3)
80
125
90
111.11
%
4
VCRS
Output signal cross-over voltage(2)
1.3
2
1.3
2
V
5
tjr(source)NT
Source (Host) Driver jitter, next transition
2
2
ns
tjr(FUNC)NT
Function Driver jitter, next transition
25
2
ns
6
tjr(source)PT
Source (Host) Driver jitter, paired transition(4)
1
1
ns
tjr(FUNC)PT
Function Driver jitter, paired transition
10
1
ns
7
tw(EOPT)
Pulse duration, EOP transmitter
1250
1500
160
175
ns
8
tw(EOPR)
Pulse duration, EOP receiver
670
82
ns
9
t(DRATE)
Data Rate
1.5
12
480
Mb/s
10
ZDRV
Driver Output Resistance
–
–
28
49.5
40.5
49.5
Ω
(1)
For more detailed specification information, see the Universal Serial Bus Specification Revision 2.0, Chapter 7. Electrical.
(2)
Low Speed: CL = 200 pF, Full Speed: CL = 50 pF, High Speed: CL = 50 pF
(3)
tfrfm = (tr/tf) x 100. [Excluding the first transaction from the Idle state.]
(4)
tjr = tpx(1) - tpx(0)
Figure 5-33. USB2.0 Integrated Transceiver Interface Timing
134
DM355 Peripheral Information and Electrical Specifications
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com