Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 131 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 127Page - Texas Instruments TMS320DM355 Datasheet HTML 128Page - Texas Instruments TMS320DM355 Datasheet HTML 129Page - Texas Instruments TMS320DM355 Datasheet HTML 130Page - Texas Instruments TMS320DM355 Datasheet HTML 131Page - Texas Instruments TMS320DM355 Datasheet HTML 132Page - Texas Instruments TMS320DM355 Datasheet HTML 133Page - Texas Instruments TMS320DM355 Datasheet HTML 134Page - Texas Instruments TMS320DM355 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 163 page
background image
VCLK
(Positive Edge
Clocking)
VCLK
(Negative Edge
Clocking)
17
VCTL(B)
VDATA(C)
19
18
22
21
23
24
25
26
VCLKIN(A)
A. VCLKIN=PCLKorEXTCLK
B. VCTL=HSYNC,VSYNC,FIELD,andLCD_OE
C. VDATA=COUT[7:0],YOUT[7:0],R[7:3],G[7:2],andB[7:3]
20
20
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 5-24. Switching Characteristics Over Recommended Operating Conditions for VPBE Control and
Data Output With Respect to VCLK(1) (2) (see Figure 5-30)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
17
tc(VCLK)
Cycle time, VCLK
13.33
160
ns
18
tw(VCLKH)
Pulse duration, VCLK high
5.7
ns
19
tw(VCLKL)
Pulse duration, VCLK low
5.7
ns
20
tt(VCLK)
Transition time, VCLK
3
ns
21
td(VCLKINH-VCLKH)
Delay time, VCLKIN high to VCLK high
2
12
ns
22
td(VCLKINL-VCLKL)
Delay time, VCLKIN low to VCLK low
2
12
ns
23
td(VCLK-VCTLV)
Delay time, VCLK edge to VCTL valid
4
ns
24
td(VCLK-VCTLIV)
Delay time, VCLK edge to VCTL invalid
0
ns
25
td(VCLK-VDATAV)
Delay time, VCLK edge to VDATA valid
4
ns
26
td(VCLK-VDATAIV)
Delay time, VCLK edge to VDATA invalid
0
ns
(1)
The VPBE may be configured to operate in either positive or negative edge clocking mode. When in positive edge clocking mode, the
rising edge of VCLK is referenced. When in negative edge clocking mode, the falling edge of VCLK is referenced.
(2)
VCLKIN = PCLK or EXTCLK. For timing specifications relating to PCLK, see Table 5-17 , Timing Requirements for VPFE PCLK
Master/Slave Mode.
Figure 5-30. VPBE Control and Data Output Timing With Respect to VCLK
5.9.2.4
DAC and Video Buffer Electrical Data/Timing
The DAC and video buffer can be configured in a DAC only configuration or in a DAC and video buffer
configuration. In the DAC only configuration the internal video buffer is not used and an external video
buffer is attached to the DAC. In the DAC and video buffer configuration, the DAC and internal video
buffer are both used and a TV cable may be attached directly to the output of the video buffer. See
Figure 5-31 and Figure 5-32 for recommenced circuits for each configuration.
Copyright © 2007–2010, Texas Instruments Incorporated
DM355 Peripheral Information and Electrical Specifications
131
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com