Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM355 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355 Datasheet(HTML) 127 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 123Page - Texas Instruments TMS320DM355 Datasheet HTML 124Page - Texas Instruments TMS320DM355 Datasheet HTML 125Page - Texas Instruments TMS320DM355 Datasheet HTML 126Page - Texas Instruments TMS320DM355 Datasheet HTML 127Page - Texas Instruments TMS320DM355 Datasheet HTML 128Page - Texas Instruments TMS320DM355 Datasheet HTML 129Page - Texas Instruments TMS320DM355 Datasheet HTML 130Page - Texas Instruments TMS320DM355 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 163 page
background image
PCLK
(PositiveEdgeClocking)
18
20
HD
VD
PCLK
(NegativeEdgeClocking)
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Table 5-20. Switching Characteristics Over Recommended Operating Conditions for VPFE (CCD) Master
Mode (see Figure 5-26)
DM355
NO.
PARAMETER
UNIT
MIN
MAX
18
td(PCLKL-HDIV)
Delay time, PCLK edge to HD invalid
3
11
ns
20
td(PCLKL-VDIV)
Delay time, PCLK edge to VD invalid
3
11
ns
Figure 5-26. VPFE (CCD) Master Mode Control Output Data Timing
5.9.2
Video Processing Back-End (VPBE)
The Video Processing Back-End of VPBE module is comprised of the On Screen Display (OSD) module
and the Video Encoder / Digital LCD Controller (VENC/DLCD).
5.9.2.1
On-Screen Display (OSD)
The primary function of the OSD module is to gather and blend video data and display/bitmap data and
then pass it to the Video Encoder (VENC) in YCbCr format. The video and display data is read from
external DDR2/mDDR memory. The OSD is programmed via control and parameter registers. The
following are the primary features that are supported by the OSD.
•
Support for two video windows and two OSD bitmapped windows that can be displayed simultaneously
(VIDWIN0/VIDWIN1 and OSDWIN0/OSDWIN1).
•
Video windows supports YCbCr data in 422 format from external memory, with the ability to
interchange the order of the CbCr component in the 32-bit word
•
OSD bitmap windows support ½/4/8 bit width index data of color palette
•
In addition one OSD bitmap window at a time can be configured to one of the following:
–
YUV422 (same as video data)
–
RGB format data in 16-bit mode (R=5bit, G=6bit, B=5bit)
–
24-bit mode (each R/G/B=8bit) with pixel level blending with video windows
•
Programmable color palette with the ability to select between a RAM/ROM table with support for 256
colors.
•
Support for 2 ROM tables, one of which can be selected at a given time
•
Separate enable/disable control for each window
•
Programmable width, height, and base starting coordinates for each window
•
External memory address and offset registers for each window
•
Support for x2 and x4 zoom in both the horizontal and vertical direction
•
Pixel-level blending/transparency/blinking attributes can be defined for OSDWIN0 when OSDWIN1 is
configured as an attribute window for OSDWIN0.
•
Support for blinking intervals to the attribute window
•
Ability to select either field/frame mode for the windows (interlaced/progressive)
•
An eight step blending process between the bitmap and video windows
•
Transparency support for the bitmap and video data (when a bitmap pixel is zero, there will be no
Copyright © 2007–2010, Texas Instruments Incorporated
DM355 Peripheral Information and Electrical Specifications
127
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com