Electronic Components Datasheet Search
  English  ▼

X  

DP8390 Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390 Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button DP8390 Datasheet HTML 23Page - National Semiconductor (TI) DP8390 Datasheet HTML 24Page - National Semiconductor (TI) DP8390 Datasheet HTML 25Page - National Semiconductor (TI) DP8390 Datasheet HTML 26Page - National Semiconductor (TI) DP8390 Datasheet HTML 27Page - National Semiconductor (TI) DP8390 Datasheet HTML 28Page - National Semiconductor (TI) DP8390 Datasheet HTML 29Page - National Semiconductor (TI) DP8390 Datasheet HTML 30Page - National Semiconductor (TI) DP8390 Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
100 Internal Registers (Continued)
104 DMA REGISTERS
DMA Registers
TLF8582 – 61
The DMA Registers are partitioned into three groups Trans-
mit Receive and Remote DMA Registers The Transmit reg-
isters are used to initialize the Local DMA Channel for trans-
mission of packets while the Receive Registers are used to
initialize the Local DMA Channel for packet Reception The
Page Stop Page Start Current and Boundary Registers are
used by the Buffer Management Logic to supervise the Re-
ceive Buffer Ring The Remote DMA Registers are used to
initialize the Remote DMA
Note
In the figure above registers are shown as 8 or 16 bits wide Although
some registers are 16-bit internal registers all registers are accessed
as 8-bit registers Thus the 16-bit Transmit Byte Count Register is
broken into two 8-bit registers TBCR0 and TBCR1 Also TPSR
PSTART PSTOP CURR and BNRY only check or control the upper 8
bits of address information on the bus Thus they are shifted to posi-
tions 15-8 in the diagram above
105 TRANSMIT DMA REGISTERS
TRANSMIT PAGE START REGISTER (TPSR)
This register points to the assembled packet to be transmit-
ted Only the eight higher order addresses are specified
since all transmit packets are assembled on 256-byte page
boundaries The bit assignment is shown below The values
placed in bits D7 – D0 will be used to initialize the higher
order address (A8 – A15) of the Local DMA for transmission
The lower order bits (A7 – A0) are initialized to zero
Bit Assignment
76543210
TPSR A15
A14
A13
A12
A11
A10
A9
A8
(A7 – A0 Initialized to zero)
TRANSMIT BYTE COUNT REGISTER 01 (TBCR0 TBCR1)
These two registers indicate the length of the packet to be
transmitted in bytes The count must include the number of
bytes in the source destination length and data fields The
maximum number of transmit bytes allowed is 64k bytes
The NIC will not truncate transmissions longer than 1500
bytes The bit assignment is shown below
76543210
TBCR1 L15
L14
L13
L12
L11
L10
L9
L8
76543210
TBCR0
L7
L6
L5
L4
L3
L2
L1
L0
106 LOCAL DMA RECEIVE REGISTERS
PAGE START STOP REGISTERS (PSTART PSTOP)
The Page Start and Page Stop Registers program the start-
ing and stopping address of the Receive Buffer Ring Since
the NIC uses fixed 256-byte buffers aligned on page bound-
aries only the upper eight bits of the start and stop address
are specified
PSTARTPSTOP bit assignment
PSTART
76543210
PSTOP
A15
A14
A13
A12
A11
A10
A9
A8
BOUNDARY (BNRY) REGISTER
This register is used to prevent overflow of the Receive
Buffer Ring Buffer management compares the contents of
this register to the next buffer address when linking buffers
together If the contents of this register match the next buff-
er address the Local DMA operation is aborted
76543210
BNRY A15
A14
A13
A12
A11
A10
A9
A8
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com