Electronic Components Datasheet Search
  English  ▼

X  

DP8390 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP8390 Datasheet HTML 37Page - National Semiconductor (TI) DP8390 Datasheet HTML 38Page - National Semiconductor (TI) DP8390 Datasheet HTML 39Page - National Semiconductor (TI) DP8390 Datasheet HTML 40Page - National Semiconductor (TI) DP8390 Datasheet HTML 41Page - National Semiconductor (TI) DP8390 Datasheet HTML 42Page - National Semiconductor (TI) DP8390 Datasheet HTML 43Page - National Semiconductor (TI) DP8390 Datasheet HTML 44Page - National Semiconductor (TI) DP8390 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
150 Switching Characteristics (Continued)
Register Write (Latched Using ADS0)
TLF8582 – 78
Symbol
Parameter
Min
Max
Units
rss
Register Select Setup to ADS0 Low
10
ns
rsh
Register Select Hold from ADS0 Low
17
ns
aswi
Address Strobe Width In
15
ns
rwds
Register Write Data Setup
20
ns
rwdh
Register Write Data Hold
21
ns
ww
Write Strobe Width from ACK
50
ns
wackh
Write Strobe High to ACK High
30
ns
wackl
Write Low to ACK Low (Notes 1 2)
n bcyc a 30
ns
rswsl
Register Select to Write Strobe Low
10
ns
Note 1
ACK is not generated until CS and SWR are low and the NIC has synchronized to the register access In Dual Bus Systems additional cycles will be used
for a local DMA or Remote DMA to complete
Note 2
CS may be asserted before or after SWR IfCS is asserted after SWR wackl is referenced from falling edge of CS
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com