Electronic Components Datasheet Search
  English  ▼

X  

DP8390 Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390 Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button DP8390 Datasheet HTML 48Page - National Semiconductor (TI) DP8390 Datasheet HTML 49Page - National Semiconductor (TI) DP8390 Datasheet HTML 50Page - National Semiconductor (TI) DP8390 Datasheet HTML 51Page - National Semiconductor (TI) DP8390 Datasheet HTML 52Page - National Semiconductor (TI) DP8390 Datasheet HTML 53Page - National Semiconductor (TI) DP8390 Datasheet HTML 54Page - National Semiconductor (TI) DP8390 Datasheet HTML 55Page - National Semiconductor (TI) DP8390 Datasheet HTML 56Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
AC Timing Test Conditions
Input Pulse Levels
GND to 30V
Input Rise and Fall Times
5 ns
Input and Output Reference Levels
13V
TRI-STATE Reference Levels
Float (DV) g05V
Output Load (See Figure below)
TLF8582 – 94
Note 1
CL e 50 pF includes scope and jig capacitance
Note 2
S1 e Open for timing tests for push pull outputs
S1 e VCC for VOL test
S1 e GND for VOH test
S1 e VCC for High Impedance to active low and active low to High
Impedance measurements
S1 e GND for High Impedance to active high and active high to
High Impedance measurements
Pin Capacitance TA e 25 C f e 1 MHz
Parameter
Description
Typ
Max
Unit
CIN
Input
715
pF
Capacitance
COUT
Output
715
pF
Capacitance
Note
This parameter is sampled and not 100% tested
DERATING FACTOR
Output timings are measured with a purely capacitave load
for 50 pF The following correction factor can be used for
other loads
CL t 50 pf a03 nspF (for all outputs except TXE TXD
and LBK)
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com