Electronic Components Datasheet Search
  English  ▼

X  

DP8390 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP8390 Datasheet HTML 24Page - National Semiconductor (TI) DP8390 Datasheet HTML 25Page - National Semiconductor (TI) DP8390 Datasheet HTML 26Page - National Semiconductor (TI) DP8390 Datasheet HTML 27Page - National Semiconductor (TI) DP8390 Datasheet HTML 28Page - National Semiconductor (TI) DP8390 Datasheet HTML 29Page - National Semiconductor (TI) DP8390 Datasheet HTML 30Page - National Semiconductor (TI) DP8390 Datasheet HTML 31Page - National Semiconductor (TI) DP8390 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
100 Internal Registers (Continued)
CURRENT PAGE REGISTER (CURR)
This register is used internally by the Buffer Management
Logic as a backup register for reception CURR contains the
address of the first buffer to be used for a packet reception
and is used to restore DMA pointers in the event of receive
errors This register is initialized to the same value as
PSTART and should not be written to again unless the con-
troller is Reset
76543210
CURR A15
A14
A13
A12
A11
A10
A9
A8
CURRENT LOCAL DMA REGISTER 01 (CLDA01)
These two registers can be accessed to determine the cur-
rent Local DMA Address
76543210
CLDA1 A15
A14
A13
A12
A11
A10
A9
A8
76543210
CLDA0
A7
A6
A5
A4
A3
A2
A1
A0
107 REMOTE DMA REGISTERS
REMOTE START ADDRESS REGISTERS (RSAR01)
Remote DMA operations are programmed via the Remote
Start
Address
(RSAR01)
and
Remote
Byte
Count
(RBCR01) registers The Remote Start Address is used to
point to the start of the block of data to be transferred and
the Remote Byte Count is used to indicate the length of the
block (in bytes)
76543210
RSAR1 A15
A14
A13
A12
A11
A10
A9
A8
76543210
RSAR0
A7
A6
A5
A4
A3
A2
A1
A0
6432 REMOTE BYTE COUNT REGISTERS (RBCR01)
76543210
RBCR1 BC15 BC14 BC13 BC12 BC11 BC10 BC9
BC8
76543210
RBCR0 BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
Note
RSAR0 programs the start address bits A0–A7
RSAR1 programs the start address bits A8–A15
Address incremented by two for word transfers and by one for byte trans-
fers
Byte Count decremented by two for word transfers and by one for byte
transfers
RBCR0 programs LSB byte count
RBCR1 programs MSB byte count
CURRENT REMOTE DMA ADDRESS (CRDA0 CRDA1)
The Current Remote DMA Registers contain the current ad-
dress of the Remote DMA The bit assignment is shown
below
76543210
CRDA1 A15
A14
A13
A12
A11
A10
A9
A8
76543210
CRDA0
A7
A6
A5
A4
A3
A2
A1
A0
108 PHYSICAL ADDRESS REGISTERS (PAR0 – PAR5)
The physical address registers are used to compare the
destination address of incoming packets for rejecting or ac-
cepting packets Comparisons are performed on a byte-
wide basis The bit assignment shown below relates the se-
quence in PAR0 – PAR5 to the bit sequence of the received
packet
D7
D6
D5
D4
D3
D2
D1
D0
PAR0 DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
PAR1 DA15 DA14 DA13 DA12 DA11 DA10 DA9
DA8
PAR2 DA23 DA22 DA21 DA20 DA19 DA18 DA17 DA16
PAR3 DA31 DA30 DA29 DA28 DA27 DA26 DA25 DA24
PAR4 DA39 DA38 DA37 DA36 DA35 DA34 DA33 DA32
PAR5 DA47 DA46 DA45 DA44 DA43 DA42 DA41 DA40
Destination Address
Source
P S DA0 DA1 DA2 DA3
DA46 DA47 SA0
Note
PS e Preamble Synch
DA0 e PhysicalMulticast Bit
109 MULTICAST ADDRESS REGISTERS (MAR0 – MAR7)
The multicast address registers provide filtering of multicast
addresses hashed by the CRC logic All destination ad-
dresses are fed through the CRC logic and as the last bit of
the destination address enters the CRC the 6 most signifi-
cant bits of the CRC generator are latched These 6 bits are
then decoded bya1of64 decode to index a unique filter bit
(FB0 – 63) in the multicast address registers If the filter bit
selected is set the multicast packet is accepted The sys-
tem designer would use a program to determine which filter
bits to set in the multicast registers All multicast filter bits
that correspond to multicast address accepted by the node
are then set to one To accept all multicast packets all of
the registers are set to all ones
Note
Although the hashing algorithm does not guarantee perfect filtering of
multicast address it will perfectly filter up to 64 multicast addresses if
these addresses are chosen to map into unique locations in the multi-
cast filter
TLF8582 – 62
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com