Electronic Components Datasheet Search
  English  ▼

X  

DP8390 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8390
Description  NIC Network Interface Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8390 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP8390 Datasheet HTML 20Page - National Semiconductor (TI) DP8390 Datasheet HTML 21Page - National Semiconductor (TI) DP8390 Datasheet HTML 22Page - National Semiconductor (TI) DP8390 Datasheet HTML 23Page - National Semiconductor (TI) DP8390 Datasheet HTML 24Page - National Semiconductor (TI) DP8390 Datasheet HTML 25Page - National Semiconductor (TI) DP8390 Datasheet HTML 26Page - National Semiconductor (TI) DP8390 Datasheet HTML 27Page - National Semiconductor (TI) DP8390 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
100 Internal Registers (Continued)
103 Register Descriptions
(Continued)
TRANSMIT STATUS REGISTER (TSR)
04H (READ)
This register records events that occur on the media during transmission of a packet It is cleared when the next transmission is
initiated by the host All bits remain low unless the event that corresponds to a particular bit occurs during transmission Each
transmission should be followed by a read of this register The contents of this register are not specified until after the first
transmission
76543210
OWC
CDH
FU
CRS
ABT
COL
PTX
Bit
Symbol
Description
D0
PTX
PACKET TRANSMITTED
Indicates transmission without error (No excessive
collisions or FIFO underrun) (ABT e ‘‘0’’ FU e ‘‘0’’)
D1
reserved
reserved
D2
COL
TRANSMIT COLLIDED
Indicates that the transmission collided at least once
with another station on the network The number of collisions is recorded in the
Number of Collisions Registers (NCR)
D3
ABT
TRANSMIT ABORTED
Indicates the NIC aborted transmission because of
excessive collisions (Total number of transmissions including original
transmission attempt equals 16)
D4
CRS
CARRIER SENSE LOST
This bit is set when carrier is lost during transmission
of the packet Carrier Sense is monitored from the end of PreambleSynch until
TXEN is dropped Transmission is not aborted on loss of carrier
D5
FU
FIFO UNDERRUN
If the NIC cannot gain access of the bus before the FIFO
empties this bit is set Transmission of the packet will be aborted
D6
CDH
CD HEARTBEAT
Failure of the transceiver to transmit a collision signal after
transmission of a packet will set this bit The Collision Detect (CD) heartbeat
signal must commence during the first 64 ms of the Interframe Gap following a
transmission In certain collisions the CD Heartbeat bit will be set even though
the transceiver is not performing the CD heartbeat test
D7
OWC
OUT OF WINDOW COLLISION
Indicates that a collision occurred after a slot
time (512 ms) Transmissions rescheduled as in normal collisions
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com