Electronic Components Datasheet Search
  English  ▼

X  

LM27 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM27
Description  LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27 Datasheet(HTML) 4 Page - Texas Instruments

  LM27 Datasheet HTML 1Page - Texas Instruments LM27 Datasheet HTML 2Page - Texas Instruments LM27 Datasheet HTML 3Page - Texas Instruments LM27 Datasheet HTML 4Page - Texas Instruments LM27 Datasheet HTML 5Page - Texas Instruments LM27 Datasheet HTML 6Page - Texas Instruments LM27 Datasheet HTML 7Page - Texas Instruments LM27 Datasheet HTML 8Page - Texas Instruments LM27 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM27
SNIS124D – AUGUST 2002 – REVISED JULY 2013
www.ti.com
LM27 Electrical Characteristics
The following specifications apply for V
+ = 2.7V
DC to 5.5VDC, and VTEMP load current = 0µA unless otherwise specified.
Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C unless otherwise specified.
Parameter
LM27CIM
Units
Symbol
Conditions
Typical(1)
Limits(2)
(Limits)
Temperature Sensor
Trip Point Accuracy (Includes VREF, DAC,
+120°C<TA<+150°C
±3
°C (max)
Comparator Offset, and Temperature
Sensitivity errors)
Trip Point Hysteresis
HYST = GND
10
°C
HYST = V+
2
°C
VTEMP Output Temperature Sensitivity
−10.82
mV/°C
VTEMP Temperature Sensitivity Error to
−30°C ≤ TA ≤ 150°C, 2.7V ≤
±3
°C (max)
Equation:
V+
≤ 5.5V
VO = (−3.552×10
−6×(T−30)2+
−55°C ≤ TA ≤ 150°C, 4.5V ≤
±3
°C (max)
V+
≤ 5.5V
(
−10.695×10
−3×(T−30))+ 1.8386V (1)
TA = 25°C
±2.5
°C (max)
VTEMP Load Regulation
Source
≤ 1 μA
0.070
mV
Sink
≤ 40 μA
0.7
mV (max)
VTEMP Line Regulation
+2.7V
≤ V+ ≤ +5.5V,
−0.2
mV/V
−30°C ≤ TA ≤ +120°C
IS
Supply Current
15
22
µA (max)
40
µA (max)
Digital Output and Input
IOUT(“1”)
Logical “1” Output Leakage Current(3)
V+ = +5.0V
0.001
1
µA (max)
VOUT(“0”)
Logical “0” Output Voltage
IOUT = +1.2mA and
0.4
V (max)
V+
≥2.7V; IOUT = +3.2mA
and V+
≥4.5V(4)
VOUT(“1”)
Logical “1” Push-Pull Output Voltage
ISOURCE = 500µA, V
+ ≥ 2.7V
0.8 × V+
V (min)
ISOURCE = 800µA, V
+≥4.5V
V+
− 1.5
V (min)
VIH
HYST Input Logical ”1“ Threshold Voltage
0.8 × V+
V (min)
VIL
HYST Input Logical ”0“ Threshold Voltage
0.2 × V+
V (max)
(1)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
The 1µA limit is based on a testing limitation and does not reflect the actual performance of the part. Expect to see a doubling of the
current for every 15°C increase in temperature. For example, the 1nA typical current at 25°C would increase to 16nA at 85°C.
(4)
Care should be taken to include the effects of self heating when setting the maximum output load current. The power dissipation of the
LM27 would increase by 1.28mW when IOUT=3.2mA and VOUT=0.4V. With a thermal resistance of 250°C/W, this power dissipation
would cause an increase in the die temperature of about 0.32°C due to self heating. Self heating is not included in the trip point
accuracy specification.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com