Electronic Components Datasheet Search
  English  ▼

X  

LM27 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM27
Description  LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM27 Datasheet HTML 3Page - Texas Instruments LM27 Datasheet HTML 4Page - Texas Instruments LM27 Datasheet HTML 5Page - Texas Instruments LM27 Datasheet HTML 6Page - Texas Instruments LM27 Datasheet HTML 7Page - Texas Instruments LM27 Datasheet HTML 8Page - Texas Instruments LM27 Datasheet HTML 9Page - Texas Instruments LM27 Datasheet HTML 10Page - Texas Instruments LM27 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LM27
V+
VTEMP
GND
HYST
OS/OS/US/
US
CLOAD
R
0.12f
Heavy Capacitive
Load, Cable/Wiring
LM27
V+
VTEMP
GND
HYST
OS/OS/US/
US
CLOAD
R
Heavy Capacitive
Load, Cable/Wiring
0.12F
LM27
www.ti.com
SNIS124D – AUGUST 2002 – REVISED JULY 2013
5.
(a) Gradually raise VTEMP until OS goes HIGH. Note VTEMP.
(b) Calculate THYST using Equation 3.
VTEMP LOADING
The VTEMP output has very weak drive capability (1 µA source, 40 µA sink). So care should be taken when
attaching circuitry to this pin. Capacitive loading may cause the VTEMP output to oscillate. Simply adding a resistor
in series as shown in Figure 6 will prevent oscillations from occurring. To determine the value of the resistor
follow the guidelines given in Table 3. The same value resistor will work for either placement of the resistor. If an
additional capacitive load is placed directly on the LM27 output, rather than across CLOAD, it should be at least a
factor of 10 smaller than CLOAD.
Table 3. Resistive compensation for capacitive loading of VTEMP
CLOAD
R (
Ω)
≤100pF
0
1nF
8200
10nF
3000
100nF
1000
≥1µF
430
Resistor placement for capacitive loading compensation of VTEMP
Figure 5. R in series with capacitor
Figure 6. R in series with signal path
NOISE CONSIDERATIONS
The LM27 has excellent power supply noise rejection. Listed below is a variety of signals used to test the LM27
power supply rejection. False triggering of the output was not observed when these signals where coupled into
the V+ pin of the LM27.
•
square wave 400kHz, 1Vp-p
•
square wave 2kHz, 200mVp-p
•
sine wave 100Hz to 1MHz, 200mVp-p
Testing was done while maintaining the temperature of the LM27 one degree centigrade way from the trip point
with the output not activated.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com