Electronic Components Datasheet Search
  English  ▼

X  

LM27 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM27
Description  LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27 Datasheet(HTML) 5 Page - Texas Instruments

  LM27 Datasheet HTML 1Page - Texas Instruments LM27 Datasheet HTML 2Page - Texas Instruments LM27 Datasheet HTML 3Page - Texas Instruments LM27 Datasheet HTML 4Page - Texas Instruments LM27 Datasheet HTML 5Page - Texas Instruments LM27 Datasheet HTML 6Page - Texas Instruments LM27 Datasheet HTML 7Page - Texas Instruments LM27 Datasheet HTML 8Page - Texas Instruments LM27 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LM27
www.ti.com
SNIS124D – AUGUST 2002 – REVISED JULY 2013
Part Number Template
The series of digits labeled xyz in the part number LM27CIM-xyz, describe the set point value and the function of
the output as follows:
The place holders xy describe the set point temperature as shown in the following table.
x (10x)
y (1x)
Temperature (°C)
-
H
0
-
J
1
-
K
2
-
L
3
-
N
4
-
P
5
-
R
6
-
S
7
-
T
8
-
V
9
Z
-
12
1
-
13
2
-
14
3
-
15
The value of z describes the assignment/function of the output as shown in the following table:
Open-Drain/ Push-
Active-Low/High
OS/US
Value of z
Digital Output Function
Pull
0
0
0
J
Active-Low, Open-Drain, OS output
0
0
1
K
Active-Low, Open-Drain, US output
1
1
0
L
Active-High, Push-Pull, OS output
1
1
1
N
Active-High, Push-Pull, US output
For example:
•
the part number LM27CIM5-2SJ has TOS = 147°C, and programmed as an active-low open-drain
overtemperature shutdown output.
•
the part number LM27CIM5-ZLN has TUS = 123°C, and programmed as an active-high, push-pull
undertemperature shutdown output.
Active-high open-drain and active-low push-pull options are available, please contact Texas Instruments for more
information.
Note: Currently, there are several standard parts available, see Table 1. For other part options, contact a Texas
Instruments Distributor or Sales Representative for information on minimum order qualification
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com