Electronic Components Datasheet Search
  English  ▼

X  

LM27 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM27
Description  LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM27 Datasheet HTML 4Page - Texas Instruments LM27 Datasheet HTML 5Page - Texas Instruments LM27 Datasheet HTML 6Page - Texas Instruments LM27 Datasheet HTML 7Page - Texas Instruments LM27 Datasheet HTML 8Page - Texas Instruments LM27 Datasheet HTML 9Page - Texas Instruments LM27 Datasheet HTML 10Page - Texas Instruments LM27 Datasheet HTML 11Page - Texas Instruments LM27 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
12V
System Fan
Sanyo Denki
109R0612T4H12
LM27
V+
VTEMP
GND
HYST
OS
10k
+5V
0.12F
TJ = TA + "JA(V
+I
Q + (V
+ - V
TEMP)IL_TEMP + VDOIDO)
LM27
SNIS124D – AUGUST 2002 – REVISED JULY 2013
www.ti.com
MOUNTING CONSIDERATIONS
The LM27 can be applied easily in the same way as other integrated-circuit temperature sensors. It can be glued
or cemented to a surface. The temperature that the LM27 is sensing will be within about +0.06°C of the surface
temperature to which the LM27's leads are attached to.
This presumes that the ambient air temperature is almost the same as the surface temperature; if the air
temperature were much higher or lower than the surface temperature, the actual temperature measured would
be at an intermediate temperature between the surface temperature and the air temperature.
To ensure good thermal conductivity, the backside of the LM27 die is directly attached to the GND pin (pin 2).
The temperatures of the lands and traces to the other leads of the LM27 will also affect the temperature that is
being sensed.
Alternatively, the LM27 can be mounted inside a sealed-end metal tube, and can then be dipped into a bath or
screwed into a threaded hole in a tank. As with any IC, the LM27 and accompanying wiring and circuits must be
kept insulated and dry, to avoid leakage and corrosion. This is especially true if the circuit may operate at cold
temperatures where condensation can occur. Printed-circuit coatings and varnishes such as Humiseal and epoxy
paints or dips are often used to ensure that moisture cannot corrode the LM27 or its connections.
The junction to ambient thermal resistance (
θJA) is the parameter used to calculate the rise of a part's junction
temperature due to its power dissipation. For the LM27 the equation used to calculate the rise in the die junction
temperature is as follows:
(4)
where TA is the ambient temperature, V
+ is the power supply voltage, I
Q is the quiescent current, IL_TEMP is the
load current on the VTEMP output, VDO is the voltage on the digital output, and IDO is the load current on the digital
output. Since the LM27's junction temperature is the actual temperature being measured, care should be taken
to minimize the load current that the LM27 is required to drive.
The tables shown in Table 4 summarize the thermal resistance for different conditions and the rise in die
temperature of the LM27 without any loading on VTEMP and a 10k pull-up resistor on an open-drain digital output
with a 5.5V power supply.
Table 4. Thermal resistance (
θJA) and temperature rise due to self heating (TJ−TA)
SOT23-5
SOT23-5
no heat sink
small heat sink
θJA
TJ−TA
θJA
TJ−TA
(°C/W)
(°C)
(°C/W)
(°C)
Still Air
250
0.11
TBD
TBD
Moving Air
TBD
TBD
TBD
TBD
Typical Applications
The fan's control pin has internal pull-up. The 10k pull-down sets a slow fan speed. When the output of the LM27
goes low, the fan will speed up.
Figure 7. Two Speed Fan Speed Control
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com