| Electronic Components Datasheet Search |
|
DP8430V Datasheet(PDF) 26 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8430V Datasheet(HTML) 26 Page - National Semiconductor (TI) |
|
26 / 56 page ![]() 60 Port A Wait State Support (Continued) 62 DTACK TYPE OUTPUT With the R7 address bit asserted during programming the user selects the DTACK type output As long as DTACK is sampled negated by the CPU wait states are inserted into the current access cycle as shown in Figure 21 Once DTACK is sampled asserted the access cycle is completed by the CPU DTACK which is normally negated is pro- grammed to assert a number of positive edges andor neg- ative levels from the event that starts RAS for the access DTACK can also be programmed to function during page burst mode accesses Once DTACK is asserted and the ECAS inputs are negated with AREQ asserted DTACK can be programmed to negate and assert from the ECAS inputs toggling to perform a pageburst mode operation Once AREQ is negated ending the access DTACK will be negat- ed and stays negated until the next chip selected access For more details about DTACK type output see Application Note AN-773 63 DYNAMICALLY INCREASING THE NUMBER OF WAIT STATES The user can increase the number of positive edges of CLK before DTACK is asserted or WAIT is negated With the input WAITIN asserted the user can delay DTACK asserting or WAIT negating either one or two more positive edges of CLK The number of edges is programmed through address bit R6 If the user is increasing the number of positive edges in a delay that contains a negative level the positive edges will be met before the negative level For example if the user programmed DTACK of T asserting WAITIN pro- grammed as 2T would increase the number of positive edg- es resulting in DTACK of 2 T as shown in Figure 22a Simi- larly WAITIN can increase the number of positive edges in a pageburst access WAITIN can be permanently asserted in systems requiring an increased number of wait states WAITIN can also be asserted and negated depending on the type of access As an example a user could invert the WRITE line from the CPU and connect the output to WAITIN This could be used to perform write accesses with 1 wait state and read accesses with 2 wait states as shown in Figure 22b TLF11118 – 30 FIGURE 21 DTACK Type Output TLF11118 – 31 FIGURE 22a WAITIN Example (DTACK is Sampled at the ‘‘T3’’ Falling Clock Edge) 26 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |