| Electronic Components Datasheet Search |
|
DP8430V Datasheet(PDF) 34 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8430V Datasheet(HTML) 34 Page - National Semiconductor (TI) |
|
34 / 56 page ![]() 100 Dual Accessing (DP8432V) The DP8432V has all the functions previously described In addition to those features the DP8432V also has the capa- bilities to arbitrate among refresh Port A and a second port Port B This allows two CPUs to access a common DRAM array DRAM refresh has the highest priority followed by the currently granted port The ungranted port has the lowest priority The last granted port will continue to stay granted even after the access has terminated until an access re- quest is received from the ungranted port (see Figure 30a ) The dual access configuration assumes that both Port A and Port B are synchronous to the system clock If they are not synchronous to the system clock they should be exter- nally synchronized (Ex By running the access requests through several Flip-Flops see Figure 32a ) 101 PORT B ACCESS MODE Port B accesses are initiated from a single input AREQB When AREQB is asserted an access request is generated If GRANTB is asserted and a refresh is not taking place or precharge time is not required RAS will be asserted when AREQB is asserted Once AREQB is asserted it must stay asserted until the access is over AREQB negated negates RAS as shown in Figure 30b Note that if ECAS0 e 1 during programming the CAS outputs may be held asserted (be- yond RASn negating) by continuing to assert the appropri- ate ECASn inputs (the same as Port A accesses) If Port B is not granted the access will begin on the first or second positive edge of CLK after GRANTB is asserted (See R0 R1 programming bit definitions) as shown in Figure 30c as- suming that Port A is not accessing the DRAM (CS ADS ALE and AREQ) and RAS precharge for the particular bank has completed It is important to note that for GRANTB to transition to Port B Port A must not be requesting an ac- cess at a rising clock edge (or locked) and Port B must be requesting an access at that rising clock edge Port A can request an access through CS and ADS ALE or CS and AREQ Therefore during an interleaved access where CS and ADS ALE become asserted before AREQ from the pre- vious access is negated Port A will retain GRANTB e 0 whether AREQB is asserted or not Since there is no chip select for Port B AREQB must incor- porate this signal This mode of accessing is similar to Mode 1 accessing for Port A TLF11118 – 45 Explanation of Terms AREQA e Chip Selected access request from Port A AREQB e Chip Selected access request from Port B LOCK e Externally controlled LOCKing of the Port that is currently GRANTed FIGURE 30a DP8432V Port APort B Arbitration State Diagram This arbitration may take place during the ‘‘ACCESS’’ or ‘‘REFRESH’’ state (see Figure 13 ) TLF11118 – 46 FIGURE 30b Access Request for Port B TLF11118 – 47 FIGURE 30c Delayed Port B Access 34 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |