Electronic Components Datasheet Search
  English  ▼

X  

DP8430V Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8430V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8430V Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP8430V Datasheet HTML 24Page - National Semiconductor (TI) DP8430V Datasheet HTML 25Page - National Semiconductor (TI) DP8430V Datasheet HTML 26Page - National Semiconductor (TI) DP8430V Datasheet HTML 27Page - National Semiconductor (TI) DP8430V Datasheet HTML 28Page - National Semiconductor (TI) DP8430V Datasheet HTML 29Page - National Semiconductor (TI) DP8430V Datasheet HTML 30Page - National Semiconductor (TI) DP8430V Datasheet HTML 31Page - National Semiconductor (TI) DP8430V Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
70 RAS and CAS Configuration Modes
The DP8430V31V32V allow the user to configure the
DRAM array to contain one two or four banks of DRAM
Depending on the functions used certain considerations
must be used when determining how to set up the DRAM
array Programming address bits C4 C5 and C6 along with
bank selects B0 – 1 and CAS enables ECAS0 – 3 deter-
mine which RAS or group of RASs and which CAS or group
of CASs will be asserted during an access Different memo-
ry schemes are described The DP8430V31V32V is speci-
fied driving a heavy load of 72 DRAMs representing four
banks of DRAM with 16-bit words and 2 parity bits The
DP8430V31V32V can drive more than 72 DRAMs but the
AC timing must be increased Since the RAS and CAS out-
puts are configurable all RAS and CAS outputs should be
used for the maximum amount of drive
71 BYTE WRITING
By selecting a configuration in which all CAS outputs are
selected during an access the ECAS inputs enable a single
or group of CAS outputs to select a byte (or bytes) in a word
size of up to 32 bits In this case the RAS outputs are used
to select which of up to 4 banks is to be used as shown in
Figures 24a and 24b In systems with a word size of 16 bits
the byte enables can be gated with a high order address bit
to produce four byte enables which gives an equivalent to 8
banks of 16-bit words as shown in
Figure 24d If less memo-
ry is required each CAS should be used to drive each nibble
in the 16-bit word as shown in
Figure 24c
TLF11118 – 34
FIGURE 24a DRAM Array Setup for 32-Bit System (C6 C5 C4 e 1 1 0 during Programming)
TLF11118 – 35
FIGURE 24b DRAM Array Setup for 32-Bit 1 Bank System (C6 C5 C4 e 0 0 0 Allowing Error Scrubbing
or C6 C5 C4 e 0 1 1 No Error Scrubbing during Programming)
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com