Electronic Components Datasheet Search
  English  ▼

X  

DP8430V Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8430V
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8430V Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button DP8430V Datasheet HTML 23Page - National Semiconductor (TI) DP8430V Datasheet HTML 24Page - National Semiconductor (TI) DP8430V Datasheet HTML 25Page - National Semiconductor (TI) DP8430V Datasheet HTML 26Page - National Semiconductor (TI) DP8430V Datasheet HTML 27Page - National Semiconductor (TI) DP8430V Datasheet HTML 28Page - National Semiconductor (TI) DP8430V Datasheet HTML 29Page - National Semiconductor (TI) DP8430V Datasheet HTML 30Page - National Semiconductor (TI) DP8430V Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
60 Port A Wait State Support (Continued)
TLF11118 – 32
FIGURE 22b WAITIN Example (WAIT is Sampled at the End of ‘‘T2’’)
64 GUARANTEEING RAS LOW TIME
AND RAS PRECHARGE TIME
The DP8430V31V32V will guarantee RAS precharge time
between accesses between refreshes and between ac-
cess and refreshes The programming bits R0 and R1 are
used to program combinations of RAS precharge time and
RAS low time referenced by positive edges of CLK RAS
low time is programmed for refreshes only During an ac-
cess the system designer guarantees the time RAS is as-
serted through the DP8430V31V32V wait logic Since in-
serting wait states into an access increases the length of
the CPU signals which are used to create ADS or ALE and
AREQ the time that RAS is asserted can be guaranteed
The precharge time is also guaranteed by the DP8430V
31V32V Each RAS output has a separate positive edge
of CLK counter AREQ is negated setup to a positive edge
of CLK to terminate the access That positive edge is 1T
The next positive edge is 2T RAS will not be asserted until
the programmed number of positive edges of CLK have
passed as shown in
Figure 23 Once the programmed pre-
charge time has been met RAS will be asserted from the
positive edge of CLK However since there is a precharge
counter per RAS an access using another RAS will not be
delayed Precharge time before a refresh is always refer-
enced from the access RAS negating before RAS0 for the
refresh asserting After a refresh precharge time is refer-
enced from RAS3 negating for the refresh to the access
RAS asserting
TLF11118 – 33
FIGURE 23 Guaranteeing RAS Precharge (DTACK is Sampled at the ‘‘T2’’ Falling Clock Edge)
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com