Electronic Components Datasheet Search
  English  ▼

X  

LM3553 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3553
Description  1.2A Dual Flash LED Driver System
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3553 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 3Page - Texas Instruments LM3553 Datasheet HTML 4Page - Texas Instruments LM3553 Datasheet HTML 5Page - Texas Instruments LM3553 Datasheet HTML 6Page - Texas Instruments LM3553 Datasheet HTML 7Page - Texas Instruments LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments LM3553 Datasheet HTML 10Page - Texas Instruments LM3553 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
VIN (V)
100
80
60
40
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
1 LED @ 1.2A
2 LEDs @ 600 mA
VIN (V)
100
90
80
70
60
50
40
2.7
3. 1
3.5
3.9
4.3
4. 7
5.1
5.5
Voltage Mode with IOUT = 500 mA
1 LED @ 1A with VLED = 3.7V
2 LEDs @ 500 mA with
VLED(total) = 6.725V
VIN (V)
2.20
1.85
1.50
1.15
0.80
90
80
70
60
50
3.0
3.5
4.0
4.5
5.0
5.5
IIN
äLED
VLED = 3.4V and ILED = 600 mA
2 LEDs in Series
VIN (V)
2.8
2.4
2.0
1.6
1.2
0.8
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
1 LED @ 1.2A
2 LEDs @ 600 mA
VIN (V)
2.80
2.20
1.60
1.00
90
80
70
60
50
3.0
3.5
4.0
4.5
5.0
5.5
IIN
äLED
VLED = 3.8V and ILED = 1.2A
VIN (V)
1.60
1.35
1.10
0.85
0.60
90
80
70
60
50
3.0
3.5
4.0
4.5
5.0
5.5
IIN
äLED
VLED = 3.35V and ILED = 500 mA
2 LEDs in Series
LM3553
www.ti.com
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; VM/F = VIN; RSET = 16.5kΩ; CIN= 10µF, COUT = 10µF;L = 2.2µH; VFB bit =
CL bit = '0'; OVP bit = '0' for 1 LED and VFB = '1' for two series LEDs;.
Input Current and LED Efficiency
Input Current and LED Efficiency
with 1.2A Flash Current
with 500mA Flash Current through 2 Series LEDs
Figure 9.
Figure 10.
Input Current
vs
Input Current and LED Efficiency
VIN
with 600mA Flash Current through 2 Series LEDs
1 LED @ 1.2A and 2 LEDs @ 600mA
Figure 11.
Figure 12.
LED Efficiency
vs
Converter Efficiency
VIN
vs
1 LED @ 1.2A and 2 LEDs @ 600mA
VIN
Figure 13.
Figure 14.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com