Electronic Components Datasheet Search
  English  ▼

X  

LM3553 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3553
Description  1.2A Dual Flash LED Driver System
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3553 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments LM3553 Datasheet HTML 10Page - Texas Instruments LM3553 Datasheet HTML 11Page - Texas Instruments LM3553 Datasheet HTML 12Page - Texas Instruments LM3553 Datasheet HTML 13Page - Texas Instruments LM3553 Datasheet HTML 14Page - Texas Instruments LM3553 Datasheet HTML 15Page - Texas Instruments LM3553 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
1
bit7
1
bit6
1
bit5
1
bit4
1
bit3
1
bit2
ST1
bit1
ST0
bit0
MSB
LSB
Current Step Time
Register Address: 0x50
1
bit7
1
bit6
1
bit5
OCL
bit4
OVP
bit3
DATA
bit2
MODE
bit1
RESET
bit0
MSB
LSB
Multi-Function Pin Control/Options
Register Address: 0x20
LM3553
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
www.ti.com
VFB: Selects the regulation voltage for the LM3553. Setting this VFB bit to a '0' sets the regulation voltage to
450mV while setting the VFB bit to a '1' sets the regulation voltage to 350mV. Setting the VFB bit to a '1' during
torch mode and/or lower current flash modes (ILED < 1A) will help improve the LED efficiency of the LM3553.
M/F Pin Control Register
RESET: Enables M/F as hardware RESET. '0' = Hardware RESET, .'1' = GPIO or current sink depending on the
MODE bit. Default = '0'
MODE: Sets M/F mode. Default for M0DE = '0'. '0' = GPI, and'1' = GPO
NOTE
When M/F is configured as an input, data is transfered from GPI to DATA whenever an
I2C write command is issued to the LM3553. When configuring M/F as a GPO, the first
write needs to take the LM3553 out of RESET mode and a second write can then set the
pin to the GPO.
DATA: GPIO Data. When the M/F is configured as an output (GPO), DATA sets the GPO level. Example: DATA
= '1', M/F is set high or logic '1'. When the M/F pin is configured as an input (GPI), DATA stores the GPI level.
Example: M/F = '1', DATA will be set to a '1'. Default for DATA = '0'.
OVP: Enables high-voltage OVP (OVP Bit ='1') or low-voltage OVP (OVP Bit ='0'). Default = low-voltage mode '0'
OCL: SW Pin Current Limit Selector Bit: If OCL = '0', the inductor current limit is 2.5A typ. If OCL = '1', the
inductor current limit is 1.7A typ.
Table 1. M/F Functionality Configuration Table
RESET
MODE
M/F Function
0
X
RESET
1
0
GPI
1
1
GPO
Current Step Time Register
ST1-ST0: Sets current level stepping time for D1 and D2 during the beginning and end of the flash or torch
current waveform. '00' = 25µs, '01' = 50µs, '10' = 100µs, '11' = 200µs.
The current ramp-up/ramp-down times can be approximated by the following equation:
TRAMPUP/RAMPDOWN = (NFLASH - NSTART + 1) × tSTEP
where
•
N is equal to the decimal value of the brightness level
•
(0
≤ NFLASH ≤ 127 and 0 ≤ NSTART ≤ 31)
NSTART = NTORCH if Torch is enabled before going into a flash. If going straight into a flash from an off-state,
NSTART = 0.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com