Electronic Components Datasheet Search
  English  ▼

X  

LM3553 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3553
Description  1.2A Dual Flash LED Driver System
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3553 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 13Page - Texas Instruments LM3553 Datasheet HTML 14Page - Texas Instruments LM3553 Datasheet HTML 15Page - Texas Instruments LM3553 Datasheet HTML 16Page - Texas Instruments LM3553 Datasheet HTML 17Page - Texas Instruments LM3553 Datasheet HTML 18Page - Texas Instruments LM3553 Datasheet HTML 19Page - Texas Instruments LM3553 Datasheet HTML 20Page - Texas Instruments LM3553 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LM26LV (GAIN2)
(Trip 70qC to 110qC)
PP/PC
Imager
LM3553
FEN
Tx
SCL
SDA
OVERTEMP
LM3553
www.ti.com
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM3553 when the junction temperature exceeds 150°C (typ.).
This feature protects the device from being damaged by high die temperatures that might otherwise result from
excessive power dissipation. The device will recover and operate normally when the junction temperature falls
below 140°C (typ.). It is important that the board layout provide good thermal conduction to keep the junction
temperature within the specified operating ratings.
Figure 22. External Temperature Sensor Diagram
Using an external temperature sensor, such as the LM26LV, can help aid in the thermal protection of the flash
LEDs as well as other components in a design. Connecting the OVERTEMP pin of the LM26LV to the TX pin on
the LM3553 prevents the high current flash from turning on when the set temperature threshold on the LM26LV
is reached. When the temperature trip point is reached, the OVERTEMP pin on the LM26LV will transition from a
'0' to a '1' which in turn enables the LM3553's TX mode. When a flash is instantiated by either the imager or
microprocessor, the LM3553 will only allow the flash LED current to reach the current level set in the Torch
Current register as long as the temperature sensor is registering an over-temperature condition. Placing the
temperature sensor close to the flash LEDs can help prevent the LEDs from reaching a temperature above the
maximum specified limit due to high-current flashing in a high temperature ambient environment.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com