Electronic Components Datasheet Search
  English  ▼

X  

LM3553 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3553
Description  1.2A Dual Flash LED Driver System
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3553 Datasheet(HTML) 1 Page - Texas Instruments

  LM3553 Datasheet HTML 1Page - Texas Instruments LM3553 Datasheet HTML 2Page - Texas Instruments LM3553 Datasheet HTML 3Page - Texas Instruments LM3553 Datasheet HTML 4Page - Texas Instruments LM3553 Datasheet HTML 5Page - Texas Instruments LM3553 Datasheet HTML 6Page - Texas Instruments LM3553 Datasheet HTML 7Page - Texas Instruments LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LM3553
2.2 PH
COUT
4.7 PF
CIN
10 PF
ISET
RSET
SCL
SDA
VIO
GND
VIN
D1
OVP
SW
TX
FEN
D2
M/F
600 mA Flash
Current
Components:
L = Toko FDSE0312-2R2M
CIN = Murata GRM188R60J106ME47D
COUT = Murata GRM21BR61E475KA12L
LEDs = Lumileds LXCL ± PWF3
Or equivalent
29.25mm
2
with 0.4mm spacing
around large components (IC and L)
9.0
9.0
2.25
0.5
2.5
L
IC
CIN
D1
COUT
RSET
LM3553
www.ti.com
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
Check for Samples: LM3553
1
FEATURES
•
Multi-Function Pin (RESET and GPIO)
•
Low Profile 12-pin WSON Package
2
•
Accurate and Programmable LED Current up
(DQB0012A: 3mm x 3mm x 0.8mm, 0.4mm
to 1.2A in 128 Steps
pitch)
•
Total Solution Size < 30mm2
•
90% Peak Efficiency
APPLICATIONS
•
Drives 2 LEDs in Series with 1.2A from 5V
•
Camera Phone LED Flash
Input
•
Smartphone and PDA Flash
•
Drives 2 LEDs in Series with 600mA from 3.0V
•
LED Backlight
Input
•
Drives 1 LED with 1.2A from 3.0V Input
DESCRIPTION
•
Adjustable Over-Voltage Protection Allows for
The LM3553 is a fixed frequency, current mode step-
Single or Series LED Operation
up DC/DC converter with two regulated current sinks.
•
Four Operating Modes: Torch, Flash, Indicator,
The device is capable of driving loads up to 1.2A
and Voltage Mode (4.98V)
from a single-cell Li-Ion battery.
•
Programmable Flash Pulse Safety Timer in 16
The LM3553 includes a TX pin that forces Torch
Steps
mode
during
a
flash
event
allowing
for
synchronization between the RF power amplifier and
•
TX Input Ensures Synchronization with RF
Flash/Torch modes. It also includes a multi-function
Power Amplifier Pulse or Prevents LED from
pin (M/F) that can serve as a GPIO and a hardware
Overheating
RESET pin.
•
LED Disconnect During Shutdown
The LM3553 is available in a 3mm by 3mm package.
•
Flash/Imager Synchronization via FEN Pin
•
Active Low Hardware Reset
Typical Application Circuits
Figure 1.
Figure 2. Solution Size
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3553

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
1.2A Dual Flash LED Driver System with I2C Compatible
logo
Texas Instruments
LM3553 TI2-LM3553 Datasheet
568Kb / 25P
LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
REVISED MAY 2013
logo
National Semiconductor ...
LM3553SD-HALF NSC-LM3553SD-HALF Datasheet
394Kb / 18P
1.2A Dual Flash LED Driver System with I2C Compatible
LM3553SD-NOPB NSC-LM3553SD-NOPB Datasheet
394Kb / 18P
1.2A Dual Flash LED Driver System with I2C Compatible
logo
Texas Instruments
LM3553SD/NOPB TI2-LM3553SD/NOPB Datasheet
568Kb / 25P
LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
REVISED MAY 2013
More results

Similar Description - LM3553

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291 Datasheet
107Kb / 9P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
1.2A Dual Flash LED Driver System with I2C Compatible
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_07 Datasheet
709Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
NXP Semiconductors
SSL3250A NXP-SSL3250A Datasheet
147Kb / 26P
Photo flash dual LED driver
Rev. 03-30 June 2009
SSL3250A_0912 NXP-SSL3250A_0912 Datasheet
230Kb / 26P
Photo flash dual LED driver
Rev. 05-16 December 2009
logo
Micrel Semiconductor
MIC2291 MICREL-MIC2291_11 Datasheet
710Kb / 10P
1.2A PWM Boost Regulator Photo Flash LED Driver
logo
Alpha & Omega Semicondu...
AOZ1084DI AOSMD-AOZ1084DI Datasheet
502Kb / 12P
1.2A Buck LED Driver
logo
Micrel Semiconductor
MIC2871 MICREL-MIC2871 Datasheet
1Mb / 24P
1.2A High-Brightness LED Flash Driver with Single-Wire Serial Interface
logo
Texas Instruments
LM8502 TI1-LM8502_13 Datasheet
1Mb / 72P
Intelligent Lighting Management Unit That Fuses a 1.2A Dual High-Side Flash LED Driver
logo
Alpha & Omega Semicondu...
AOZ1084 AOSMD-AOZ1084 Datasheet
943Kb / 12P
1.2A Buck LED Driver
Rev. 1.0 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com