Electronic Components Datasheet Search
  English  ▼

X  

LM3553 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3553
Description  1.2A Dual Flash LED Driver System
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3553 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 4Page - Texas Instruments LM3553 Datasheet HTML 5Page - Texas Instruments LM3553 Datasheet HTML 6Page - Texas Instruments LM3553 Datasheet HTML 7Page - Texas Instruments LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments LM3553 Datasheet HTML 10Page - Texas Instruments LM3553 Datasheet HTML 11Page - Texas Instruments LM3553 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
D1
Current
Sink
D2
Current
Sink
Current
Control
RSET
MIN. Dx
VOLTAGE
SELECT
D1
D2
TORCH CTRL
FLASH CTRL
TIME-OUT CTRL
I
2
C INTERFACE/
CONTROL LOGIC/
REGISTERS
+
-
0.35V or
0.450V
VIO
SCL
SDA
M/F
RESET/GPIO
RZ
CC
¦
gm
SWITCH
CONTROLLER
OSC
RAMP
CURRENT
LIMIT
THERMAL
SHUTDOWN
OVP
OVP
SW
Tx
FEN
VREF
VIN
LM3553
SW
Driver
GND
ISTEP CTRL
LM3553
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
www.ti.com
BLOCK DIAGRAM
Circuit Description
CIRCUIT COMPONENTS
FEN Pin
The flash enable pin, FEN, provides an external method (non-I
2C) for starting the flash pulse. When F
EN is pulled
high, logic '1', the flash current level defined through the I2C interface, will be delived to the Flash LED. If the FEN
pin is driven low during the flash pulse, the flash event will stop. In the event that FEN is not pulled low during the
flash pulse, the LM3553 will continue to deliver the flash current until the safety timer duration (set through the
I2C interface) is reached.
The LM3553 does not provide a fixed off-time after the flash pulse has ended. Most flash LED manufacturers
require that the flash pulse duration be 10% of the total Flash cycle. Example: If the flash pulse duration is set to
be 200 milliseconds (Flash Duration Code= 0011), the recommended off time for the LED would be 1.8 seconds.
Please consult the LED manufacturers datasheet for exact timing requirements.
If the LM3553 is placed in indicator mode or torch mode through the I2C interface and the FEN pin is pulled high
and then low, at the end of the flash event, the LM3553 will return to the mode stored in the General Purpose
Register.
It is recommended that an external pull-down be placed between the FEN pin and GND to prevent unwanted LED
flashing during system start-up due to unknown control logic states.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com