Electronic Components Datasheet Search
  English  ▼

X  

LM5100 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5100
Description  High Voltage High Side and Low Side Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100 Datasheet(HTML) 4 Page - Texas Instruments

  LM5100 Datasheet HTML 1Page - Texas Instruments LM5100 Datasheet HTML 2Page - Texas Instruments LM5100 Datasheet HTML 3Page - Texas Instruments LM5100 Datasheet HTML 4Page - Texas Instruments LM5100 Datasheet HTML 5Page - Texas Instruments LM5100 Datasheet HTML 6Page - Texas Instruments LM5100 Datasheet HTML 7Page - Texas Instruments LM5100 Datasheet HTML 8Page - Texas Instruments LM5100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NRND
LM5100, LM5101
SNVS267C – MAY 2004 – REVISED MARCH 2005
www.ti.com
Absolute Maximum Ratings
(1) (2)
VDD to VSS
−0.3V to +18V
VHB to VHS
−0.3V to +18V
LI or HI Inputs
−0.3V to VDD +0.3V
LO Output
−0.3V to VDD +0.3V
HO Output
VHS −0.3V to VHB +0.3V
VHS to VSS
−1V to +100V
VHB to VSS
118V
Junction Temperature
+150°C
Storage Temperature Range
−55°C to +150°C
ESD Rating HBM(3)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin. 2 kV for all pins except Pin 2, Pin 3 and
Pin 4 which are rated at 500V.
Recommended Operating Conditions
VDD
+9V to +14V
HS
−1V to 100V
HB
VHS +8V to VHS +14V
HS Slew Rate
< 50 V/ns
Junction Temperature
−40°C to +125°C
Electrical Characteristics
Specifications in standard typeface are for TJ = +25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO .
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Units
SUPPLY CURRENTS
IDD
VDD Quiescent Current
LI = HI = 0V (LM5100)
0.1
0.2
mA
LI = HI = 0V (LM5101)
0.25
0.4
IDDO
VDD Operating Current
f = 500 kHz
1.5
3
mA
IHB
Total HB Quiescent Current
LI = HI = 0V
0.06
0.2
mA
IHBO
Total HB Operating Current
f = 500 kHz
1.3
3
mA
IHBS
HB to VSS Current, Quiescent
VHS = VHB = 100V
0.05
10
µA
IHBSO
HB to VSS Current, Operating
f = 500 kHz
0.08
mA
INPUT PINS
VIL
Low Level Input Voltage Threshold
3
5.0
V
(LM5100)
VIL
Low Level Input Voltage Threshold
0.8
1.8
V
(LM5101)
VIH
High Level Input Voltage Threshold
5.5
8
V
(LM5100)
VIH
High Level Input Voltage Threshold
1.8
2.2
V
(LM5101)
VIHYS
Input Voltage Hysteresis (LM5100)
0.5
V
RI
Input Pulldown Resistance
100
200
500
k
Ω
UNDER VOLTAGE PROTECTION
VDDR
VDD Rising Threshold
6.0
6.9
7.4
V
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
4
Submit Documentation Feedback
Copyright © 2004–2005, Texas Instruments Incorporated
Product Folder Links: LM5100 LM5101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com