Electronic Components Datasheet Search
  English  ▼

X  

LM5100 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5100
Description  High Voltage High Side and Low Side Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5100 Datasheet HTML 3Page - Texas Instruments LM5100 Datasheet HTML 4Page - Texas Instruments LM5100 Datasheet HTML 5Page - Texas Instruments LM5100 Datasheet HTML 6Page - Texas Instruments LM5100 Datasheet HTML 7Page - Texas Instruments LM5100 Datasheet HTML 8Page - Texas Instruments LM5100 Datasheet HTML 9Page - Texas Instruments LM5100 Datasheet HTML 10Page - Texas Instruments LM5100 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
10
12
14
16
18
VDD, VHB (V)
0
50
100
150
200
250
300
350
400
8
IDD (LM5101)
IHB (LM5100, LM5101)
IDD (LM5100)
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
IDD (LM5101)
IDD (LM5100)
IHB (LM5100, LM5101)
0
50
100
150
200
250
300
350
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
HB = 12V,
HS = 0V
CL = 470 pF
CL = 0 pF
CL = 4400 pF
CL = 2200 pF
CL = 1000 pF
-50 -25
0
25
50
75
100 125 150
TEMPERATURE (°C)
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
IDDO (LM5101)
IDDO (LM5100)
IHBO (LM5100, LM5101)
0.1
1
10
100
1000
FREQUENCY (kHz)
10
100
1000
10000
100000
VDD = 12V
CL = 470 pF
CL = 0 pF
CL = 4400 pF
CL = 2200 pF
CL = 1000 pF
0.1
1
10
100
1000
FREQUENCY (kHz)
100
1000
10000
100000
VDD = 12V
CL = 470 pF
CL = 0 pF
CL = 4400 pF
CL = 2200 pF
CL = 1000 pF
NRND
LM5100, LM5101
www.ti.com
SNVS267C – MAY 2004 – REVISED MARCH 2005
Typical Performance Characteristics
LM5100 IDD
LM5101 IDD
vs
vs
Frequency
Frequency
Figure 1.
Figure 2.
LM5100/LM5101 Operating Current
IHB
vs
vs
Temperature
Frequency
Figure 3.
Figure 4.
Quiescent Current
LM5100/LM5101 Quiescent Current
vs
vs
Supply Voltage
Temperature
Figure 5.
Figure 6.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5100 LM5101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com