Electronic Components Datasheet Search
  English  ▼

X  

LM5100 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5100
Description  High Voltage High Side and Low Side Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100 Datasheet(HTML) 1 Page - Texas Instruments

  LM5100 Datasheet HTML 1Page - Texas Instruments LM5100 Datasheet HTML 2Page - Texas Instruments LM5100 Datasheet HTML 3Page - Texas Instruments LM5100 Datasheet HTML 4Page - Texas Instruments LM5100 Datasheet HTML 5Page - Texas Instruments LM5100 Datasheet HTML 6Page - Texas Instruments LM5100 Datasheet HTML 7Page - Texas Instruments LM5100 Datasheet HTML 8Page - Texas Instruments LM5100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NRND
LM5100, LM5101
www.ti.com
SNVS267C – MAY 2004 – REVISED MARCH 2005
LM5100 /LM5101 High Voltage High Side and Low Side Gate Driver
Check for Samples: LM5100, LM5101
1
FEATURES
PACKAGE
2
•
Drives Both a High Side and Low Side N-
•
SOIC-8
Channel MOSFET
•
WSON-10 (4 mm x 4 mm)
•
Independent High and Low Driver Logic Inputs
(TTL for LM5101 or CMOS for LM5100)
DESCRIPTION
The LM5100/LM5101 High Voltage Gate Drivers are
•
Bootstrap Supply Voltage Range up to 118V
designed to drive both the high side and the low side
DC
N-Channel MOSFETs in a synchronous buck or a
•
Fast Propagation Times (25 ns Typical)
half bridge configuration. The floating high-side driver
•
Drives 1000 pF Load with 15 ns Rise and Fall
is capable of operating with supply voltages up to
Times
100V. The outputs are independently controlled with
CMOS input thresholds (LM5100) or TTL input
•
Excellent Propagation Delay Matching (3 ns
thresholds (LM5101). An integrated high voltage
Typical)
diode is provided to charge the high side gate drive
•
Supply Rail Under-voltage Lockouts
bootstrap capacitor. A robust level shifter operates at
•
Low Power Consumption
high speed while consuming low power and providing
clean level transitions from the control logic to the
•
Pin Compatible with HIP2100/HIP2101
high side gate driver. Under-voltage lockout is
provided on both the low side and the high side
TYPICAL APPLICATIONS
power rails. This device is available in the standard
•
Current Fed Push-pull Converters
SOIC-8 pin and the WSON-10 pin packages.
•
Half and Full Bridge Power Converters
•
Synchronous Buck Converters
•
Two Switch Forward Power Converters
•
Forward with Active Clamp Converters
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
High Voltage High Side and Low Side Gate Driver
logo
Texas Instruments
LM5100 TI2-LM5100 Datasheet
585Kb / 21P
LM5100 /LM5101 High Voltage High Side and Low Side Gate Driver
REVISED MARCH 2005
logo
National Semiconductor ...
LM5100A NSC-LM5100A Datasheet
812Kb / 15P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5100A TI1-LM5100A Datasheet
596Kb / 20P
LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5100AM TI1-LM5100AM Datasheet
1Mb / 28P
3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
High Voltage High Side and Low Side Gate Driver
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 2
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com