Electronic Components Datasheet Search
  English  ▼

X  

LM5100 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5100
Description  High Voltage High Side and Low Side Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100 Datasheet(HTML) 5 Page - Texas Instruments

  LM5100 Datasheet HTML 1Page - Texas Instruments LM5100 Datasheet HTML 2Page - Texas Instruments LM5100 Datasheet HTML 3Page - Texas Instruments LM5100 Datasheet HTML 4Page - Texas Instruments LM5100 Datasheet HTML 5Page - Texas Instruments LM5100 Datasheet HTML 6Page - Texas Instruments LM5100 Datasheet HTML 7Page - Texas Instruments LM5100 Datasheet HTML 8Page - Texas Instruments LM5100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NRND
LM5100, LM5101
www.ti.com
SNVS267C – MAY 2004 – REVISED MARCH 2005
Electrical Characteristics (continued)
Specifications in standard typeface are for TJ = +25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO .
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Units
VDDH
VDD Threshold Hysteresis
0.5
V
VHBR
HB Rising Threshold
5.7
6.6
7.1
V
VHBH
HB Threshold Hysteresis
0.4
V
BOOT STRAP DIODE
VDL
Low-Current Forward Voltage
IVDD-HB = 100 µA
0.6
0.9
V
VDH
High-Current Forward Voltage
IVDD-HB = 100 mA
0.85
1.1
V
RD
Dynamic Resistance
IVDD-HB = 100 mA
0.8
1.5
Ω
LO GATE DRIVER
VOLL
Low-Level Output Voltage
ILO = 100 mA
0.23
0.4
V
VOHL
High-Level Output Voltage
ILO = −100 mA,
0.35
0.55
V
VOHL = VDD–VLO
IOHL
Peak Pullup Current
VLO = 0V
1.6
A
IOLL
Peak Pulldown Current
VLO = 12V
1.8
A
HO GATE DRIVER
VOLH
Low-Level Output Voltage
IHO = 100 mA
0.23
0.4
V
VOHH
High-Level Output Voltage
IHO = −100 mA
0.35
0.55
V
VOHH = VHB–VHO
IOHH
Peak Pullup Current
VHO = 0V
1.6
A
IOLH
Peak Pulldown Current
VHO = 12V
1.8
A
THERMAL RESISTANCE
θJA
(2)
Junction to Ambient
SOIC-8
170
°C/W
WSON-10(3)
40
(2)
The
θJA is not a given constant for the package and depends on the printed circuit board design and the operating environment.
(3)
4 layer board with Cu finished thickness 1.5/1/1/1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x 50mm
ground and power planes embedded in PCB. See Application Note AN-1187 (SNOA401).
Switching Characteristics
Specifications in standard typeface are for TJ = +25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO.
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Units
LM5100
tLPHL
Lower Turn-Off Propagation Delay (LI
24
45
ns
Falling to LO Falling)
tHPHL
Upper Turn-Off Propagation Delay (HI
24
45
ns
Falling to HO Falling)
tLPLH
Lower Turn-On Propagation Delay (LI
24
45
ns
Rising to LO Rising)
tHPLH
Upper Turn-On Propagation Delay (HI
24
45
ns
Rising to HO Rising)
tMON
Delay Matching: Lower Turn-On and Upper
2
10
ns
Turn-Off
tMOFF
Delay Matching: Lower Turn-Off and Upper
2
10
ns
Turn-On
tRC, tFC
Either Output Rise/Fall Time
CL = 1000 pF
15
ns
tR, tF
Either Output Rise/Fall Time
CL = 0.1 µF
0.6
µs
(3V to 9V)
tPW
Minimum Input Pulse Width that Changes
50
ns
the Output
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5100 LM5101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com