Electronic Components Datasheet Search
  English  ▼

X  

LM5100 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5100
Description  High Voltage High Side and Low Side Gate Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5100 Datasheet HTML 7Page - Texas Instruments LM5100 Datasheet HTML 8Page - Texas Instruments LM5100 Datasheet HTML 9Page - Texas Instruments LM5100 Datasheet HTML 10Page - Texas Instruments LM5100 Datasheet HTML 11Page - Texas Instruments LM5100 Datasheet HTML 12Page - Texas Instruments LM5100 Datasheet HTML 13Page - Texas Instruments LM5100 Datasheet HTML 14Page - Texas Instruments LM5100 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
10.0
100.0
1000.0
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
1.0
CL = 0 pF
CL = 4400 pF
10.0
100.0
1000.0
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
1.000
1.0
CL = 0 pF
CL = 4400 pF
NRND
LM5100, LM5101
www.ti.com
SNVS267C – MAY 2004 – REVISED MARCH 2005
The bootstrap diode power loss is the sum of the forward bias power loss that occurs while charging the
bootstrap capacitor and the reverse bias power loss that occurs during reverse recovery. Since each of these
events happens once per cycle, the diode power loss is proportional to frequency. Larger capacitive loads
require more current to recharge the bootstrap capacitor resulting in more losses. Higher input voltages (VIN) to
the half bridge result in higher reverse recovery losses. The following plot was generated based on calculations
and lab measurements of the diode recovery time and current under several operating conditions. This can be
useful for approximating the diode power dissipation.
Figure 17. Diode Power Dissipation VIN = 80V
Figure 18. Diode Power Dissipation VIN = 40V
The total IC power dissipation can be estimated from the previous plots by summing the gate drive losses with
the bootstrap diode losses for the intended application. Because the diode losses can be significant, an external
diode placed in parallel (refer to Figure 19) with the internal bootstrap diode can be helpful in removing power
from the IC. For this to be effective, the external diode must be placed close to the IC to minimize series
inductance and have a significantly lower forward voltage drop than the internal diode.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5100 LM5101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com