Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  Accurate Remote Diode Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM63 Datasheet(HTML) 4 Page - Texas Instruments

  LM63 Datasheet HTML 1Page - Texas Instruments LM63 Datasheet HTML 2Page - Texas Instruments LM63 Datasheet HTML 3Page - Texas Instruments LM63 Datasheet HTML 4Page - Texas Instruments LM63 Datasheet HTML 5Page - Texas Instruments LM63 Datasheet HTML 6Page - Texas Instruments LM63 Datasheet HTML 7Page - Texas Instruments LM63 Datasheet HTML 8Page - Texas Instruments LM63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
LM63
1
2
3
4
5
6
7
8
2.2 nF
+3.3 VDC from motherboard
SMBCLK
SMBDAT
PWM Output
To SMBus
interface
control
circuitry
ALERT / Tach
GND
VDD
D+
D-
PWM
Remote diode-
connected transistor
inside of an Intel®
Pentium® 4 Processor
ALERT to system
shutdown circuitry
+3.3 VDC
470
MMBT2222A
Tach. input
from Fan
Fan voltage
+12 or +5 VDC
10k
13k
1k
0.2W
Tach In
0.1
100 pF
10 PF
These two capacitors
are close to Pin 1
DC brushless
fan module with
Tachometer
Fan V+
Fan V-
10
Processor
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
TYPICAL APPLICATION
Figure 3.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com