Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  Accurate Remote Diode Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM63 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM63 Datasheet HTML 3Page - Texas Instruments LM63 Datasheet HTML 4Page - Texas Instruments LM63 Datasheet HTML 5Page - Texas Instruments LM63 Datasheet HTML 6Page - Texas Instruments LM63 Datasheet HTML 7Page - Texas Instruments LM63 Datasheet HTML 8Page - Texas Instruments LM63 Datasheet HTML 9Page - Texas Instruments LM63 Datasheet HTML 10Page - Texas Instruments LM63 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
AC ELECTRICAL CHARACTERISTICS
The following specifications apply for VDD = 3.0 VDC to 3.6 VDC, and all analog source impedance RS = 50Ω unless
otherwise specified in the conditions. Boldface limits apply for TA = TMIN to TMAX; all other limits TA= +25°C.
UNITS
SYMBOL
PARAMETER
CONDITIONS
TYPICAL(1)
LIMITS(2)
(LIMIT)
TACHOMETER ACCURACY
Fan Control Accuracy
±10
% (max)
Fan Full-Scale Count
65535
(max)
Fan Counter Clock Frequency
90
kHz
Fan Count Update Frequency
1.0
Hz
FAN PWM OUTPUT
Frequency Accuracy
±10
% (max)
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
DIGITAL ELECTRICAL CHARACTERISTICS
UNITS
SYMBOL
PARAMETER
CONDITIONS
TYPICAL(1)
LIMITS(2)
(LIMIT)
VIH
Logical High Input Voltage
2.1
V (min)
VIL
Logical Low Input Voltage
0.8
V (max)
IIH
Logical High Input Current
VIN = VDD
0.005
+10
µA (max)
IIL
Logical Low Input Current
VIN = GND
−0.005
−10
µA (max)
CIN
Digital Input Capacitance
20
pF
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
SMBus LOGICAL ELECTRICAL CHARACTERISTICS
The following specifications apply for VDD = 3.0 VDC to 3.6 VDC, and all analog source impedance RS = 50Ω unless
otherwise specified in the conditions. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = +25°C.
UNITS
SYMBOL
PARAMETER
CONDITIONS
TYPICAL(1)
LIMITS(2)
(LIMIT)
SMBDAT OPEN-DRAIN OUTPUT
VOL
Logic Low Level Output Voltage
IOL = 4 mA
0.4
V (max)
IOH
High Level Output Current
VOUT = VDD
0.03
10
µA (max)
SMBDAT, SMBCLK INPUTS
VIH
Logical High Input Voltage
2.1
V (min)
VIL
Logical Low Input Voltage
0.8
V (max)
VHYST
Logic Input Hysteresis Voltage
320
mV
(1)
“Typicals” are at TA = 25°C and represent most likely parametric norm. They are to be used as general reference values not for critical
design calculations.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com