Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  Accurate Remote Diode Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM63 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM63 Datasheet HTML 13Page - Texas Instruments LM63 Datasheet HTML 14Page - Texas Instruments LM63 Datasheet HTML 15Page - Texas Instruments LM63 Datasheet HTML 16Page - Texas Instruments LM63 Datasheet HTML 17Page - Texas Instruments LM63 Datasheet HTML 18Page - Texas Instruments LM63 Datasheet HTML 19Page - Texas Instruments LM63 Datasheet HTML 20Page - Texas Instruments LM63 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
LM63 REGISTERS
This section includes the following subsections: REGISTER MAP IN HEXADECIMAL ORDER, which shows a
summary of all registers and their bit assignments; REGISTER MAP IN FUNCTIONAL ORDER; and REGISTER
DESCRIPTIONS IN FUNCTIONAL ORDER, which provides a detailed explanation of each register. Do not
address the unused or manufacturer’s test registers.
REGISTER MAP IN HEXADECIMAL ORDER
Table 3 is a Register Map grouped in hexadecimal address order. Some address locations have been left blank
to maintain compatibility with LM86. Addresses in parenthesis are mirrors of “Same As” address for backwards
compatibility with some older software. Reading or writing either address will access the same 8-bit register.
Table 3. Register Map Grouped in Hexadecimal Address Order
DATA BITS
REGISTER
REGISTER
0x[HEX]
NAME
D7
D6
D5
D4
D3
D2
D1
D0
00
Local
LT7
LT6
LT5
LT4
LT3
LT2
LT1
LT0
Temperature
01
Rmt Temp MSB
RTHB±
RTHB14
RTHB13
RTHB12
RTHB11
RTHB10
RTHB9
RTHB8
02
ALERT Status
BUSY
LHIGH
0
RHIGH
RLOW
RDFA
RCRIT
TACH
03
Configuration
ALTMSK
STBY
PWMDIS
0
0
ALT/TCH
TCRITOV
FLTQUE
04
Conversion
0
0
0
0
CONV3
CONV2
CONV1
CONV0
Rate
05
Local High
LHS7
LHS6
LHS5
LHS4
LHS3
LHS2
LHS1
LHS0
Setpoint
06
[Reserved]
Not Used
07
Rmt High
RHSHB15
RHSHB14
RHHBS13
RHSHB12
RHSHB11
RHSHB10
RHSHB9
RHSHB8
Setpoint MSB
08
Rmt Low
RLSHB15
RLSHB14
RLSHB13
RLSHB12
RLHBS11
RLSHB10
RLSHB9
RLSHB8
Setpoint MSB
(09)
Same as 03
(0A)
Same as 04
(0B)
Same as 05
0C
[Reserved]
Not Used
(0D)
Same as 07
(0E)
Same as 08
0F
One Shot
Write Only. Write command triggers one temperature conversion cycle.
10
Rmt Temp LSB
RTLB7
RTLB6
RTLB5
0
0
0
0
0
11
Rmt Temp
RTOHB15
RTOHB14
RTOHB13
RTOHB12
RTOHB11
RTOHB10
RTOHB9
RTOHB8
Offset MSB
12
Rmt Temp
RTOLB7
RTOLB6
RTOLB5
0
0
0
0
0
Offset LSB
13
Rmt High
RHSLB7
RHSLB6
RHSLB5
0
0
0
0
0
Setpoint LSB
14
Rmt Low
RLSLB7
RLSLB6
RLSLB5
0
0
0
0
0
Setpoint LSB
15
[Reserved]
Not Used
16
ALERT Mask
1
ALTMSK6
1
ALTMSK4
ALTMSK3
1
ALTMSK1
ALTMSK0
17
[Reserved]
Not Used
18
[Reserved]
Not Used
19
Rmt TCRIT
RCS7
RCS6
RCS5
RCS4
RCS3
RCS2
RCS1
RCS0
Setpoint
1A–1F
[Reserved]
Not Used
20
[Reserved]
Not Used
21
Rmt TCRIT
RTH7
RTH6
RTH5
RTH4
RTH3
RTH2
RTH1
RTH0
Hysteresis
22–2F
[Reserved]
Not Used
30–3F
[Reserved]
Not Used
40–45
[Reserved]
Not Used
46
Tach Count LSB
TCLB5
TCLB4
TCLB3
TCLB2
TCLB1
TCLB0
TEDGE1
TEDGE0
47
Tach Count
TCHB13
TCHB12
TCHB11
TCHB10
TCHB9
TCHB8
TCHB7
TCHB6
MSB
48
Tach Limit LSB
TLLB7
TLLB6
TLLB5
TLLB4
TLLB3
TLLB2
Not Used
Not Used
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com