Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  Accurate Remote Diode Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM63 Datasheet(HTML) 1 Page - Texas Instruments

  LM63 Datasheet HTML 1Page - Texas Instruments LM63 Datasheet HTML 2Page - Texas Instruments LM63 Datasheet HTML 3Page - Texas Instruments LM63 Datasheet HTML 4Page - Texas Instruments LM63 Datasheet HTML 5Page - Texas Instruments LM63 Datasheet HTML 6Page - Texas Instruments LM63 Datasheet HTML 7Page - Texas Instruments LM63 Datasheet HTML 8Page - Texas Instruments LM63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
LM63
1
2
3
4
5
6
7
8
VDD
D+
D-
PWM
SMBCLK
SMBDAT
ALERT / TACH
GND
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan
Control
Check for Samples: LM63
1
FEATURES
DESCRIPTION
The LM63 is a remote diode temperature sensor with
23
•
Accurately Senses Diode-Connected 2N3904
integrated
fan
control.
The
LM63
accurately
Transistors or Thermal Diodes On Board Large
measures: (1) its own temperature and (2) the
Processors or ASICs
temperature of a diode-connected transistor, such as
•
Accurately Senses its Own Temperature
a 2N3904, or a thermal diode commonly found on
Computer Processors, Graphics Processor Units
•
Factory Trimmed for Intel® Pentium® 4 and
(GPU)
and
other
ASIC's.
The
LM63
remote
Mobile Pentium 4 Processor-M Thermal Diodes
temperature sensor's accuracy is factory trimmed for
•
Integrated PWM Fan Speed Control Output
the series resistance and 1.0021 non-ideality of the
•
Acoustic Fan Noise Reduction With User-
Intel 0.13 µm Pentium 4 and Mobile Pentium 4
Programmable 8-Step Lookup Table
Processor-M thermal diode. The LM63 has an offset
register to correct for errors caused by different non-
•
Multi-Function, User-Selectable Pin for Either
ideality factors of other thermal diodes.
ALERT Output, or Tachometer Input,
Functions
The LM63 also features an integrated, pulse-width-
modulated (PWM), open-drain fan control output. Fan
•
Tachometer Input for Measuring Fan RPM
speed is a combination of the remote temperature
•
Smart-Tach Modes for Measuring RPM of Fans
reading, the lookup table and the register settings.
With Pulse-Width-Modulated Power as Shown
The 8-step Lookup Table enables the user to
in Typical Application
program a non-linear fan speed vs. temperature
•
Offset Register can Adjust for a Variety of
transfer function often used to quiet acoustic fan
Thermal Diodes
noise.
•
10 Bit Plus Sign Remote Diode Temperature
CONNECTION DIAGRAM
Data Format, With 0.125°C Resolution
•
SMBus 2.0 Compatible Interface, Supports
TIMEOUT
•
LM86-Compatible Pinout
•
LM86-Compatible Register Set
•
8-Pin SOIC Package
APPLICATIONS
Figure 1. 8-Pin SOIC (D Package)
•
Computer Processor Thermal Management
(Laptop, Desktop, Workstations, Servers)
•
Graphics Processor Thermal Management
•
Electronic Test Equipment
•
Projectors
•
Office Equipment
•
Industrial Controls
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Intel, Pentium are registered trademarks of Intel Corporation.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM63

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM63 NSC-LM63 Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
Texas Instruments
LM63 TI-LM63 Datasheet
1Mb / 41P
The LM63 is a remote diode temperature sensor with integrated fan control.
LM63 TI2-LM63 Datasheet
748Kb / 44P
LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
REVISED MAY 2013
logo
Seoul Semiconductor
LM630Z SEOUL-LM630Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LM631 SEOUL-LM631 Datasheet
376Kb / 14P
INFRARED LAMP LED
More results

Similar Description - LM63

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM63 NSC-LM63 Datasheet
339Kb / 28P
짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627_11 Datasheet
262Kb / 9P
Remote 1C Accurate Digital Temperature Remote 짹1째C Accurate Digital Temperature
Rev 5; 6/11
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
Accurate Digital Temperature Sensor
REV. B
logo
Texas Instruments
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
Precision Remote Diode Digital Temperature Sensor
LM86 TI-LM86_15 Datasheet
1Mb / 34P
짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM96163 TI1-LM96163 Datasheet
1Mb / 49P
Remote Diode Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com