Electronic Components Datasheet Search
  English  ▼

X  

LM63 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM63
Description  Accurate Remote Diode Digital Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM63 Datasheet(HTML) 5 Page - Texas Instruments

  LM63 Datasheet HTML 1Page - Texas Instruments LM63 Datasheet HTML 2Page - Texas Instruments LM63 Datasheet HTML 3Page - Texas Instruments LM63 Datasheet HTML 4Page - Texas Instruments LM63 Datasheet HTML 5Page - Texas Instruments LM63 Datasheet HTML 6Page - Texas Instruments LM63 Datasheet HTML 7Page - Texas Instruments LM63 Datasheet HTML 8Page - Texas Instruments LM63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
SNP
V+
GND
D1
D2
D5
D4
R1
ESD
Clamp
D6
D7
I/O
D3
LM63
www.ti.com
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage, VDD
−0.3 V to 6.0 V
Voltage on SMBDAT, SMBCLK, ALERT/Tach, PWM Pins
−0.5 V to 6.0 V
Voltage on Other Pins
−0.3 V to (VDD + 0. 3 V)
Input Current, D
− Pin
±1 mA
Input Current at All Other Pins(3)
5 mA
Package Input Current(3)
30 mA
Package Power Dissipation
See(4)
SMBDAT, ALERT, PWM pins
Output Sink Current
10 mA
Storage Temperature
−65°C to +150°C
Human Body Model
2000 V
ESD Susceptibility(5)
Machine Model
200 V
Vapor Phase (60 seconds)
215°C
Soldering Information, Lead Temperature
SOIC-8 Package(6)
Infrared (15 seconds)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure performance limits. For ensured specifications and test conditions, see the Electrical
Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade
when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND, unless otherwise noted.
(3)
When the input voltage (VIN) at any pin exceeds the power supplies (VIN < GND or VIN > V+), the current at that pin should be limited to
5 mA. Parasitic components and/or ESD protection circuitry for the LM63's pins are shown in Figure 4 and Table 1. The nominal
breakdown voltage of D3 is 6.5 V. Care should be taken not to forward bias the parasitic diode, D1, present on pins D+ and D
−. Doing
so by more than 50 mV may corrupt temperature measurements. An "X" means it exists in the circuit.
(4)
Thermal resistance junction-to-ambient when attached to a printed circuit board with 2 oz. foil is 168°C/W.
(5)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. See
Figure 4 and Table 1 for the ESD Protection Input Structure.
(6)
See the URL http://www.ti.com/packaging for other recommendations and methods of soldering surface mount devices.
Figure 4. ESD Protection Input Structure
Table 1. ESD Protection Input Structure
PIN NAME
PIN #
D1
D2
D3
D4
D5
D6
R1
SNP
ESD CLAMP
VDD
1
X
X
D+
2
X
X
X
X
X
X
D
3
X
X
X
X
X
X
PWM
4
X
X
X
X
ALERT/Tach
6
X
X
X
X
SMBDAT
7
X
X
X
X
SMBCLK
8
X
X
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com