Electronic Components Datasheet Search
  English  ▼

X  

LM9070 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM9070
Description  Low-Dropout System Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9070 Datasheet(HTML) 3 Page - Texas Instruments

  LM9070 Datasheet HTML 1Page - Texas Instruments LM9070 Datasheet HTML 2Page - Texas Instruments LM9070 Datasheet HTML 3Page - Texas Instruments LM9070 Datasheet HTML 4Page - Texas Instruments LM9070 Datasheet HTML 5Page - Texas Instruments LM9070 Datasheet HTML 6Page - Texas Instruments LM9070 Datasheet HTML 7Page - Texas Instruments LM9070 Datasheet HTML 8Page - Texas Instruments LM9070 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM9070
www.ti.com
SNVS130E – DECEMBER 1999 – REVISED APRIL 2013
Electrical Characteristics
(1)
The following specifications apply for VCC= 6V to 26V, −40°C ≤ TA≤ 125°C, unless otherwise specified. COUT=47µF with an
ESR < 3
Ω. CIN= 1µF.
Symbol
Parameter
Conditions
Min
Max
Units
REGULATOR OUTPUT
VOUT
Output Voltage
5 mA
≤ IOUT ≤ 250 mA
4.85
5.15
V
ΔVOUT Line
Line Regulation
IOUT = 5 mA, 9V ≤ VIN ≤ 16.5V
25
mV
IOUT = 5 mA, 6V ≤ VIN ≤ 26V
50
mV
ΔVOUT Load
Load Regulation
VIN = 14.4V, 5 mA ≤ IOUT ≤ 250 mA
50
mV
Iq
Quiescent Current
VON/OFF ≤ VIN
IOUT = 5 mA
4
mA
IOUT = 250 mA, VIN ≥ 8V
25
mA
IOUT = 5 mA, VIN = 5V
10
mA
IOUT = 250 mA, VIN = 6V
50
mA
Ioff
OFF Quiescent Current
VIN ≤ 16.5V, Regulator OFF
−40°C ≤ TJ ≤ 60°C
20
μA
60°C
≤ TJ ≤ 135°C
60
µA
Vdo
Dropout Voltage
IOUT = 5 mA
300
mV
IOUT = 250 mA
800
mV
Isc
Short Circuit Current
RL = 1Ω
0.4
1.5
A
PSRR
Ripple Rejection
VIN = (14VDC) + 1VRMS @ 120HZ)
IOUT = 50 mA
60
dB
VothOFF
Safety VOUT Latch-OFF Threshold
In Keep-Alive mode
VON/OFF = 0V, VKA = 0V
4
4.5
V
OVthr
Overvoltage Shutdown Threshold
27
V
Vo Transient
VOUT during Transients
VIN Peak ≤ 60V,
7
V
RL = 100Ω, τ = 100 ms
RESET OUTPUT
Vth
Threshold Voltage
ΔVOUT Required to Generate a Reset
Output
−300
−500
mV
4.85V
≤ VOUT ≤ 5.15V
Vlow
Reset Output Low Voltage
Isink = 1.6 mA, VOUT > 3.2V
0.4
V
1.4V
≤ VOUT ≤ 3.2V
0.8
V
Vhigh
Reset Output High Voltage
0.9 VOUT
VOUT
V
tDELAY
Delay Time
CDELAY = 0.1µF
7
31
ms
IDELAY
Charging Current for CDELAY
10
30
µA
Rpu
Internal Pull-up Resistance
12
80
k
Ω
CONTROL LOGIC
VKAlow
Low Input Threshold Voltage,
3.5V
≤ VOUT ≤ 5.25V
0.3 VOUT
0.5 VOUT
V
Keep-Alive Input
VKAhigh
High Input Threshold Voltage,
3.5V
≤ VOUT ≤ 5.25V
0.6 VOUT
0.8 VOUT
V
Keep-Alive Input
VON/OFF low
Low Input Voltage, ON/OFF Input
Rseries = 1 k
Ω
−2
2
V
VON/OFF high
High Input Voltage, ON/OFF Input
Rseries = 1 k
Ω
4
26
V
ION/OFF
Input Current, ON/OFF Input
VON/OFF ≤ 4V
330
μA
4V < VON/OFF < 7V
670
μA
VON/OFF ≥ 7V
10
mA
RpuKA
Internal Pull-up Resistance, Keep-Alive 0V
≤ VIN ≤ 26V
20
100
k
Ω
Input
RpdON/OFF
Internal Pull-down Resistance ON/OFF 0V
≤ VON/OFF ≤ 26V
50
210
k
Ω
Input
(1)
Datasheet min/max specifications are ensured by design, test, and/or statistical analysis.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM9070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com