Electronic Components Datasheet Search
  English  ▼

X  

LM9070 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM9070
Description  Low-Dropout System Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9070 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM9070 Datasheet HTML 5Page - Texas Instruments LM9070 Datasheet HTML 6Page - Texas Instruments LM9070 Datasheet HTML 7Page - Texas Instruments LM9070 Datasheet HTML 8Page - Texas Instruments LM9070 Datasheet HTML 9Page - Texas Instruments LM9070 Datasheet HTML 10Page - Texas Instruments LM9070 Datasheet HTML 11Page - Texas Instruments LM9070 Datasheet HTML 12Page - Texas Instruments LM9070 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LM9070
www.ti.com
SNVS130E – DECEMBER 1999 – REVISED APRIL 2013
APPLICATION INFORMATION
The LM9070 voltage regulator has been optimized for use in microprocessor based automotive systems. Several
unique design features have been incorporated to address many FMEA (Failure Mode Effects Analysis) concerns
for fail-safe system performance.
FAULT TOLERANT FEATURES
While not specifically ensured due to production testing limitations, the LM9070 has been tested and shown to
continue to provide a regulated output and, not generate an erroneous system reset signal while subjected to
high levels of RF electric field energy (up to 300 V/m signal strength over a 2 MHz to 400 MHz frequency range).
This is very important in vehicle safety related applications where the system must continue to operate normally.
To maintain this immunity to RFI the output bypass capacitor is important (47
μF is recommended).
This regulator is suitable for applications where continuous connection to the battery is required (Refer to the
Figure 21). ON/OFF control of the regulator and system can be accomplished by switching the ON/OFF input to
the battery or ignition supply VIN supply through a SPST switch. If this input becomes open circuited, an internal
pull-down resistor ensures that the regulator turns OFF. When the regulator is switched OFF the current load on
the battery drops to less than 60
μA. With the possibility in many applications for VIN and the ON/OFF input pins
to be connected in a system through long lengths of wire, the ESD protection of these pins has been increased
to 12 kV with the addition of small input bypass capacitors.
Figure 21. Typical Application Circuit
An output bypass capacitor of at least 10
μF is required for stability (47 μF is recommended). The ESR of this
capacitor should be less than 3
Ω. An input capacitor of 1 μF or larger is recommended to improve line transient
and noise performance.
With the Keep-Alive input, a system microprocessor has the ability to keep the regulator ON (with a logic “0” on
Keep-Alive) after the ON/OFF input has been commanded OFF. A power-down sequence, when system
variables are typically stored in programmable memory, can be executed and take as much time as necessary.
At the end of the operation the micro then pulls Keep-Alive high and the regulator and system turn OFF and
revert to the low quiescent current standby mode.
For additional system reliability, consideration has been made for the possibility of a short circuited load at the
output of the regulator. When the regulator is switched ON, conventional current limiting and thermal shutdown
protect the regulator. When the regulator is switched OFF however, a grounded VCC supply to the micro (due to
the shorted regulator output) will force the Keep-Alive input to be low and thus try to maintain the Keep-Alive
mode of operation. With a shorted load, the drain on the battery could be as high as 1.5A. A separate internal
circuit monitors the output voltage of the regulator. If VOUT is less than 4V, as would be the case with a shorted
load, the Keep-Alive function is logically disabled to ensure that the regulator turns OFF and reverts to only a 50
μA load on the battery.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM9070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com