Electronic Components Datasheet Search
  English  ▼

X  

LM9070 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM9070
Description  Low-Dropout System Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9070 Datasheet(HTML) 1 Page - Texas Instruments

  LM9070 Datasheet HTML 1Page - Texas Instruments LM9070 Datasheet HTML 2Page - Texas Instruments LM9070 Datasheet HTML 3Page - Texas Instruments LM9070 Datasheet HTML 4Page - Texas Instruments LM9070 Datasheet HTML 5Page - Texas Instruments LM9070 Datasheet HTML 6Page - Texas Instruments LM9070 Datasheet HTML 7Page - Texas Instruments LM9070 Datasheet HTML 8Page - Texas Instruments LM9070 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM9070
www.ti.com
SNVS130E – DECEMBER 1999 – REVISED APRIL 2013
LM9070 Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
Check for Samples: LM9070
1
FEATURES
DESCRIPTION
The LM9070 is a 5V, 3% accurate, 250 mA low-
2
•
Automotive Application Reliability
dropout voltage regulator. The regulator features an
•
3% Output Voltage Tolerance
active low delayed reset output flag which can be
•
Insensitive to Radiated RFI
used to reset a microprocessor system on turn-ON
and in the event that the regulator output falls out of
•
Dropout Voltage Less than 800 mV with 250
regulation for any reason. An external capacitor
mA Output Current
programs a delay time interval before the reset output
•
Externally Programmed Reset Delay Interval
can return high.
•
Keep-Alive Feature with 2 Logic Control Inputs
Designed for automotive application the LM9070
•
60V Load Dump Transient Protection
contains a variety of protection features such as
•
Thermal Shutdown
reverse
battery,
over-voltage
shutdown,
thermal
shutdown, input transient protection and a wide
•
Short Circuit Protection and Disable Safety
operating temperature range.
Features
A unique two-input logic control scheme is used to
•
Reverse Battery Protection
enable or disable the regulator output. An ON/OFF
•
Low OFF Quiescent Current, 50
μA Maximum
input can be provided by an ignition switch derived
•
Wide Operating Temperature Range
−40°C to
signal while a second, Keep-Alive input, is generated
+125°C
by a system controller. This allows for a system to
remain ON after ignition has been switched OFF. The
•
TO-263 and 20-Pin Power Surface Mount
system controller can then execute a power-down
Packages
routine and after which command the regulator OFF
•
Lead Form Compatible with TLE4267 TO-220
to a low quiescent current state (60
μA max).
Regulator
Design techniques have been employed to allow the
regulator to remain operational and not generate false
reset signals when subjected to high levels of RF
energy (300V/m from 2 MHz to 400 MHz).
Connection Diagrams and Ordering Information
Backside metal is internally connected to ground.
Figure 1. 7 Lead TO-263 (Top View)
Figure 2. 20-Pin SOIC Package
Package Number KTW0007B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM9070

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9070 NSC-LM9070 Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
logo
Texas Instruments
LM9070 TI2-LM9070 Datasheet
716Kb / 18P
LM9070 Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
REVISED APRIL 2013
logo
National Semiconductor ...
LM9070M NSC-LM9070M Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
LM9070S NSC-LM9070S Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
logo
Texas Instruments
LM9070SX/NOPB TI2-LM9070SX/NOPB Datasheet
716Kb / 18P
LM9070 Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
REVISED APRIL 2013
More results

Similar Description - LM9070

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
LM9072 NSC-LM9072 Datasheet
477Kb / 15P
Dual Tracking Low-Dropout System Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR
logo
NEC
UPC2260 NEC-UPC2260 Datasheet
72Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
New Japan Radio
NJM2845DL1-33-TE1 NJRC-NJM2845DL1-33-TE1 Datasheet
290Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR
logo
Texas Instruments
LM9071 TI1-LM9071 Datasheet
979Kb / 15P
Low-Dropout System Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com