Electronic Components Datasheet Search
  English  ▼

X  

LM9070 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM9070
Description  Low-Dropout System Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9070 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM9070 Datasheet HTML 8Page - Texas Instruments LM9070 Datasheet HTML 9Page - Texas Instruments LM9070 Datasheet HTML 10Page - Texas Instruments LM9070 Datasheet HTML 11Page - Texas Instruments LM9070 Datasheet HTML 12Page - Texas Instruments LM9070 Datasheet HTML 13Page - Texas Instruments LM9070 Datasheet HTML 14Page - Texas Instruments LM9070 Datasheet HTML 15Page - Texas Instruments LM9070 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
LM9070
SNVS130E – DECEMBER 1999 – REVISED APRIL 2013
www.ti.com
The
θJ-A value for the TO-263 package (still air, no additional heat sink) is rated at 80°C/W. The effective θJ-A
value of the TO-263 package can be reduced by increasing the printed circuit board area that is connected
(soldered) to the package tab. Using 1 ounce (1.4 mils thick) copper clad with no solder mask, an area of 0.5
square inches will reduce
θJ-A to 50°C/W, an area of 1.0 square inches will reduce θJ-Ato 37°C/W, and an area of
1.6 square inches will reduce
θJ-A to 32°C/W. If the printed circuit board uses a solder mask, the copper clad area
under the solder mask should be increased by at least 50% to maintain a similar
θJ-A rating.
The use of a double sided PC board with soldered filled vias between two planes of copper, as shown in
Figure 24, will improve thermal performance while optimizing the PC board surface area required. Using the
double sided PC board arrangement shown in Figure 24, with 1 ounce (1.4 mils thick) copper clad with no solder
mask and solder filled vias, an area of 0.5 square inches on both sides will reduce
θJ-A to 43°C/W.
Figure 24. Typical TO-263 PC Board Heatsinking
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM9070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com