Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  SNx5DP149 3.4 Gbps DP to HDMI Retimer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 2 Page - Texas Instruments

  SN65DP149 Datasheet HTML 1Page - Texas Instruments SN65DP149 Datasheet HTML 2Page - Texas Instruments SN65DP149 Datasheet HTML 3Page - Texas Instruments SN65DP149 Datasheet HTML 4Page - Texas Instruments SN65DP149 Datasheet HTML 5Page - Texas Instruments SN65DP149 Datasheet HTML 6Page - Texas Instruments SN65DP149 Datasheet HTML 7Page - Texas Instruments SN65DP149 Datasheet HTML 8Page - Texas Instruments SN65DP149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
2
SN65DP149, SN75DP149
SLLSEL2C – SEPTEMBER 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN65DP149 SN75DP149
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 4
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings.............................................................. 6
7.3
Recommended Operating Conditions ....................... 7
7.4
Thermal Information .................................................. 7
7.5
Power Supply Electrical Characteristics ................... 8
7.6
Differential Input Electrical Characteristics ............... 9
7.7
HDMI and DVI TMDS Output Electrical
Characteristics ......................................................... 10
7.8
DDC, and I2C Electrical Characteristics.................. 11
7.9
HPD Electrical Characteristics ................................ 11
7.10
HDMI and DVI Main Link Switching
Characteristics ......................................................... 12
7.11
HPD Switching Characteristics ............................. 12
7.12
DDC and I2C Switching Characteristics................ 13
7.13
Parameter Measurement Information ................... 14
7.14
Typical Characteristics .......................................... 20
8
Detailed Description ............................................ 21
8.1
Overview ................................................................. 21
8.2
Functional Block Diagram ....................................... 21
8.3
Feature Description................................................. 22
8.4
Device Functional Modes........................................ 27
8.5
Register Maps ......................................................... 29
9
Application and Implementation ........................ 37
9.1
Application Information............................................ 37
9.2
Typical Application .................................................. 39
9.3
System Example ..................................................... 41
10
Power Supply Recommendations ..................... 42
10.1
Power Management .............................................. 42
11
Layout................................................................... 43
11.1
Layout Guidelines ................................................. 43
11.2
Layout Example .................................................... 44
11.3
Thermal Considerations ........................................ 44
12
Device and Documentation Support ................. 44
12.1
Related Links ........................................................ 44
12.2
Documentation Support ........................................ 45
12.3
Receiving Notification of Documentation Updates 45
12.4
Community Resources.......................................... 45
12.5
Trademarks ........................................................... 45
12.6
Electrostatic Discharge Caution ............................ 45
12.7
Glossary ................................................................ 45
13
Mechanical, Packaging, and Orderable
Information ........................................................... 46
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (April 2016) to Revision C
Page
•
Recommended Operating Conditions, Changed the CONTROL PINS section ..................................................................... 7
•
Changed the DDC, and I
2C Electrical Characteristics table................................................................................................. 11
Changes from Revision A (December 2015) to Revision B
Page
•
Added "Low-level input voltage at OE" to VIL in the Recommended Operating Conditions table.......................................... 7
•
Added OE to VIH "High-level input voltage" in the Recommended Operating Conditions table ............................................ 7
•
Changed Figure 21 .............................................................................................................................................................. 22
•
Deleted the VDD_ramp and VCC_ramp MIN values in Table 1 ......................................................................................... 23
•
Changed text "through the I
2C interface" To: "through the I2C access on the DDC interface" in DDC Functional
Description............................................................................................................................................................................ 28
•
Changed the HDMI and DVI value for 1Ah Table 3 ............................................................................................................ 29
•
Added Note to 11–400-kbps in Table 7 ............................................................................................................................... 33
•
Changed the note in the DEV_FUNC_MODE section of Table 7 ........................................................................................ 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com