Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  SNx5DP149 3.4 Gbps DP to HDMI Retimer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 4Page - Texas Instruments SN65DP149 Datasheet HTML 5Page - Texas Instruments SN65DP149 Datasheet HTML 6Page - Texas Instruments SN65DP149 Datasheet HTML 7Page - Texas Instruments SN65DP149 Datasheet HTML 8Page - Texas Instruments SN65DP149 Datasheet HTML 9Page - Texas Instruments SN65DP149 Datasheet HTML 10Page - Texas Instruments SN65DP149 Datasheet HTML 11Page - Texas Instruments SN65DP149 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
8
SN65DP149, SN75DP149
SLLSEL2C – SEPTEMBER 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN65DP149 SN75DP149
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
The typical rating is simulated at 3.3-V VCC and 1.1-V VDD and at 27°C temperature unless otherwise noted
7.5 Power Supply Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
PD1
Device power dissipation
(retimer mode)
OE = H, HDMI_SEL = L, VCC = 3.3/3.6-V, VDD =
1.1/1.27-V, VSadj = 6.5-kΩ
IN_Dx: VID_PP = 1200-mV, 3.4-Gbps TMDS pattern
AUX: VI = 3.3-V
I2C_EN/PIN = L, PRE_SEL= H, IN_EQ_CTL= H,
SDA_CTL/CLK_CTL = 0-V
390
510
mW
PD2
Device power dissipation
(redriver mode)
OE = H, HDMI_SEL = L, VCC = 3.3/3.6-V, VDD =
1.1/1.27-V, VSadj = 6.5-kΩ
IN_Dx: VID_PP = 1200-mV, 3.4-Gbps TMDS pattern
AUX: VI = 3.3-V
I2C_EN/PIN = L, PRE_SEL= H, IN_EQ_CTL= H,
SDA_CTL/CLK_CTL = 0-V
225
350
mW
PSD1
Device power with shut down
OE = L
OE = L, VCC = 3.3/3.6 V, VDD = 1.1/1.27 V, VSadj =
7.06 kΩ
5
15
mW
IDD1
VDD Supply current (TMDS 3.4-
Gpbs retimer mode)
OE = H, HDMI_SEL = L, VCC = 3.3/3.6-V, VDD =
1.1/1.27-V, VSadj = 6.5-kΩ
IN_Dx: VID_PP = 1200-mV, 3.4-Gbps TMDS pattern
AUX: VI = 3.3-V, 100-kHz PRBS
I2C_EN/PIN = L, PRE_SEL = H, IN_EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V, SLEW_CTL = H
250
300
mA
ICC1
VCC Supply current (TMDS 3.4-
Gpbs retimer mode)
OE = H, HDMI_SEL = L, VCC = 3.3/3.6-V, VDD =
1.1/1.27-V, VSadj = 6.5-kΩ
IN_Dx: VID_PP = 1200-mV, 3.4-Gbps TMDS pattern
AUX: VI = 3.3-V, 100-kHz PRBS
I2C_EN/PIN = L, PRE_SEL = H, IN_EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V, SLEW_CTL = H
35
50
mA
IDD2
VDD Supply current (TMDS 3.4-
Gpbs redriver mode)
OE = H, HDMI_SEL = L, VCC = 3.3/3.6-V, VDD =
1.1/1.27-V, VSadj = 6.5-kΩ
IN_Dx: VID_PP = 1200-mV, 3.4-Gbps TMDS pattern
AUX: VI = 3.3-V, 100-kHz PRBS
I2C_EN/PIN = L, PRE_SEL = H, IN_EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V, SLEW_CTL = H
170
200
mA
ICC2
VCC Supply current (TMDS 3.4-
Gpbs redriver mode)
OE = H, HDMI_SEL = L, VCC = 3.3/3.6-V, VDD =
1.1/1.27-V, VSadj = 6.5-kΩ
IN_Dx: VID_PP = 1200-mV, 3.4-Gbps TMDS pattern
AUX: VI = 3.3-V, 100-kHz PRBS
I2C_EN/PIN = L, PRE_SEL = H, IN_EQ_CTL = H,
SDA_CTL/CLK_CTL = 0 V, SLEW_CTL = H
8
20
mA
ISD1
VDD Shutdown current
OE = L, VCC = 3.3/3.6-V, VDD = 1.1/1.27-V, VSadj =
6.5-kΩ
3
10.5
mA
ISD1
VCC Shutdown current
OE = L, VCC = 3.3/3.6-V, VDD = 1.1/1.27-V, VSadj =
6.5-kΩ
2
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com