Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  SNx5DP149 3.4 Gbps DP to HDMI Retimer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 10Page - Texas Instruments SN65DP149 Datasheet HTML 11Page - Texas Instruments SN65DP149 Datasheet HTML 12Page - Texas Instruments SN65DP149 Datasheet HTML 13Page - Texas Instruments SN65DP149 Datasheet HTML 14Page - Texas Instruments SN65DP149 Datasheet HTML 15Page - Texas Instruments SN65DP149 Datasheet HTML 16Page - Texas Instruments SN65DP149 Datasheet HTML 17Page - Texas Instruments SN65DP149 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
VOC
ûVOC(SS)
TMDS_OUTxp
TMDS_OUTxn
50%
tSK2(T)
TMDS_OUTyp
TMDS_OUTyn
tSK1(T)
tSK1(T)
VTERM
VID+
tPHL
tf
20%
0 V
80%
2.2 V
1.8 V
VID±
VID(pp)
VID
0 V
tPLH
tr
80%
20%
VOD(pp)
VOD
Driver
VTERM
50Q
50Q
Receiver
3.3V
50Q
50Q
D+
D-
VD+
VD-
VID
VID = VD+ - VD-
0.5 pF
Y
Z
VY
VZ
VOD = VY - VZ
VICM = (VD+ + VD-)
2
VOC = (VY + VZ)
2
75-200nF
75-200nF
14
SN65DP149, SN75DP149
SLLSEL2C – SEPTEMBER 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN65DP149 SN75DP149
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.13 Parameter Measurement Information
Figure 1. TMDS Main Link Test Circuit
Figure 2. Input and Output Timing Measurements
Figure 3. HDMI and DVI Sink TMDS Output Skew Measurements
Figure 4. TMDS Main Link Common Mode Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com