Electronic Components Datasheet Search
  English  ▼

X  

SN65DP149 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # SN65DP149
Description  SNx5DP149 3.4 Gbps DP to HDMI Retimer
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65DP149 Datasheet(HTML) 34 Page - Texas Instruments

Back Button SN65DP149 Datasheet HTML 30Page - Texas Instruments SN65DP149 Datasheet HTML 31Page - Texas Instruments SN65DP149 Datasheet HTML 32Page - Texas Instruments SN65DP149 Datasheet HTML 33Page - Texas Instruments SN65DP149 Datasheet HTML 34Page - Texas Instruments SN65DP149 Datasheet HTML 35Page - Texas Instruments SN65DP149 Datasheet HTML 36Page - Texas Instruments SN65DP149 Datasheet HTML 37Page - Texas Instruments SN65DP149 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
34
SN65DP149, SN75DP149
SLLSEL2C – SEPTEMBER 2015 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN65DP149 SN75DP149
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Mode Selection Definition: This bit lets the receiver know where the device is located in a system for the
purpose of centering the AEQ point. The SNx5DP149 is targeting the source application, so the default value is
0, which will center the EQ at 6.5 to 7.5-dB , see Table 9. If the SNx5DP149 is in a dock or sink application, the
value should be changed to a value of 1, which will center the EQ at 12 to 13-dB .
8.5.4.2.3
HDMI Control
Table 8. HDMI Control
ADDRESS
BIT
DEFAULT
DESCRIPTION
ACCESS
0Bh
7:6
2’b00
SLEW_CTL. Slew rate control.2’00 is fastest and 2’b11 is slowest
Writes ignored when I2C_EN/PIN = 0
RWU
5
1’b0
HDMI_SEL: Contro; Writes ignored when I2C_EN/PIN = 0l
0 – HDMI (default)
1 – DVI
RWU
4:3
2’b00
TX_TERM_CTL: Controls termination for HDMI TX
00 – No termination
01 – 150 to 300-Ω
10 – Reserved
11 - Reserved
RWU
2
1’b0
Reserved
R
1
1’b0
. Reserved
R
0
1’b0
Reserved
R
0Ch
7:5
3’b000
VSWING_DATA: Data output swing control
000 – Vsadj set
001 – Increase by 7%
010 – Increase by 14%
011 – Increase by 21%
100 – Decrease by 30%
101 – Decrease by 21%
110 – Decrease by 14%
111 – Decrease by 7%
RW
4:2
3’b000
VSWING_CLK: Clock Output Swing Control
000 – Vsadj set
001 – Increase by 7%
010 – Increase by 14%
011 – Increase by 21%
100 – Decrease by 30%
101 – Decrease by 21%
110 – Decrease by 14%
111 – Decrease by 7%
Note: Default is set by DR, which means standard based swing values but this allows for
the swing to be overridden by selecting one of these values
RW
1:0
2’b00
HDMI_TWPST1. HDMI de-emphasis FIR post-cursor-1 signed tap weight.
00 – No de-emphasis
01 – 2-dB de-emphasis
10 – Reserved
11 – Reserved
RWU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com