Electronic Components Datasheet Search
  English  ▼

X  

TAS5709APHPR Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5709APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5709APHPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button TAS5709APHPR Datasheet HTML 39Page - Texas Instruments TAS5709APHPR Datasheet HTML 40Page - Texas Instruments TAS5709APHPR Datasheet HTML 41Page - Texas Instruments TAS5709APHPR Datasheet HTML 42Page - Texas Instruments TAS5709APHPR Datasheet HTML 43Page - Texas Instruments TAS5709APHPR Datasheet HTML 44Page - Texas Instruments TAS5709APHPR Datasheet HTML 45Page - Texas Instruments TAS5709APHPR Datasheet HTML 46Page - Texas Instruments TAS5709APHPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
VOLUME REGISTERS (0x07, 0x08, 0x09)
TAS5709, TAS5709A
www.ti.com ..................................................................................................................................... SLOS599A – NOVEMBER 2008 – REVISED SEPTEMBER 2009
Step size is 0.5 dB.
Master volume
– 0x07 (default is mute)
Channel-1 volume
– 0x08 (default is 0 dB)
Channel-2 volume
– 0x09 (default is 0 dB)
Table 10. Volume Registers (0x07, 0x08, 0x09)
D
D
D
D
D
D
D
D
FUNCTION
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
0
24 dB
0
0
1
1
0
0
0
0
0 dB (default for individual channel volume) (1)
1
1
0
0
1
1
0
1
–78.5 dB
1
1
0
0
1
1
1
0
–79.0 dB
1
1
0
0
1
1
1
1
Values between 0xCF and 0xFE are Reserved
1
1
1
1
1
1
1
1
MUTE
(1)
Default values are in bold.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Link(s): TAS5709 TAS5709A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com