Electronic Components Datasheet Search
  English  ▼

X  

TAS5709APHPR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5709APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5709APHPR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS5709APHPR Datasheet HTML 11Page - Texas Instruments TAS5709APHPR Datasheet HTML 12Page - Texas Instruments TAS5709APHPR Datasheet HTML 13Page - Texas Instruments TAS5709APHPR Datasheet HTML 14Page - Texas Instruments TAS5709APHPR Datasheet HTML 15Page - Texas Instruments TAS5709APHPR Datasheet HTML 16Page - Texas Instruments TAS5709APHPR Datasheet HTML 17Page - Texas Instruments TAS5709APHPR Datasheet HTML 18Page - Texas Instruments TAS5709APHPR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
PVDD − Supply Voltage − V
2
4
6
8
10
12
14
16
18
20
8
9
10
11
12
13
14
15
16
17
18
G010
RL = 8 Ω
THD+N = 1%
THD+N = 10%
PO − Output Power (Per Channel) − W
0
10
20
30
40
50
60
70
80
90
100
0
4
8
12
16
20
24
28
32
36
40
G012
PVDD = 12 V
PVDD = 18 V
RL = 8 Ω
PVDD = 8 V
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G013
20
100
1k
10k
20k
Left to Right
Right to Left
PO = 0.25 W
PVDD = 18 V
RL = 8 Ω
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
f − Frequency − Hz
G014
20
100
1k
10k
20k
Left to Right
Right to Left
PO = 0.25 W
PVDD = 12 V
RL = 8 Ω
TAS5709, TAS5709A
www.ti.com ..................................................................................................................................... SLOS599A – NOVEMBER 2008 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS, BTL CONFIGURATION (continued)
OUTPUT POWER
EFFICIENCY
vs
vs
SUPPLY VOLTAGE
OUTPUT POWER
Figure 12.
Figure 13.
CROSSTALK
CROSSTALK
vs
vs
FREQUENCY
FREQUENCY
Figure 14.
Figure 15.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): TAS5709 TAS5709A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com