Electronic Components Datasheet Search
  English  ▼

X  

TAS5709APHPR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5709APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5709APHPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS5709APHPR Datasheet HTML 40Page - Texas Instruments TAS5709APHPR Datasheet HTML 41Page - Texas Instruments TAS5709APHPR Datasheet HTML 42Page - Texas Instruments TAS5709APHPR Datasheet HTML 43Page - Texas Instruments TAS5709APHPR Datasheet HTML 44Page - Texas Instruments TAS5709APHPR Datasheet HTML 45Page - Texas Instruments TAS5709APHPR Datasheet HTML 46Page - Texas Instruments TAS5709APHPR Datasheet HTML 47Page - Texas Instruments TAS5709APHPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
MASTER FINE VOLUME REGISTER (0x0A)
VOLUME CONFIGURATION REGISTER (0x0E)
TAS5709, TAS5709A
SLOS599A – NOVEMBER 2008 – REVISED SEPTEMBER 2009 ..................................................................................................................................... www.ti.com
This register can be used to provide precision tuning of master volume. If fine master volume is used, output
mixers (0x51 and 0x52) should not be used. Similarly, this feature cannot be used if features like 2-band DRC or
Bass Boost are being used. Write a "1" to bit D7 to enable changes to this register.
Table 11. Master Fine Volume Register (0x0A)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
–
0
0
0 dB (1)
–
–
–
–
–
–
0
1
0.125 dB
–
–
–
–
–
–
1
0
0.25 dB
–
–
–
–
–
–
1
1
0.375 dB
1
–
–
–
–
–
–
–
Write enable bit
0
–
–
–
–
–
–
–
Ignore Write to register 0X0A
(1)
Default values are in bold.
Bits
Volume slew rate (Used to control volume change and MUTE ramp rates). These bits control the
D2–D0:
number of steps in a volume ramp.Volume steps occur at a rate that depends on the sample rate of
the I2S data as follows
Sample Rate (KHz)
Approximate Ramp Rate
8/16/32
125 us/step
11.025/22.05/44.1
90.7 us/step
12/24/48
83.3 us/step
Table 12. Volume Control Register (0x0E)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
0
0
1
0
–
–
–
Reserved (1)
–
–
–
–
–
0
0
0
Volume slew 512 steps (43 ms volume ramp time at 48kHz)
–
–
–
–
–
0
0
1
Volume slew 1024 steps (85 ms volume ramp time at 48kHz) (1)
–
–
–
–
–
0
1
0
Volume slew 2048 steps (171 ms volume ramp time at 48kHz)
–
–
–
–
–
0
1
1
Volume slew 256 steps (21ms volume ramp time at 48kHz)
–
–
–
–
–
1
X
X
Reserved
(1)
Default values are in bold.
44
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5709 TAS5709A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com