Electronic Components Datasheet Search
  English  ▼

X  

THS3217 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS3217
Description  THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3217 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS3217 Datasheet HTML 17Page - Texas Instruments THS3217 Datasheet HTML 18Page - Texas Instruments THS3217 Datasheet HTML 19Page - Texas Instruments THS3217 Datasheet HTML 20Page - Texas Instruments THS3217 Datasheet HTML 21Page - Texas Instruments THS3217 Datasheet HTML 22Page - Texas Instruments THS3217 Datasheet HTML 23Page - Texas Instruments THS3217 Datasheet HTML 24Page - Texas Instruments THS3217 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
Gain Drift (ppm/qC)
0
1
2
3
4
5
6
7
8
0
0
3
1
6
7
5
0
7
1
D066
Junction Temperature (0C)
-55
-35
-15
5
25
45
65
85
105
125
0.99895
0.99905
0.99915
0.99925
0.99935
0.99945
0.99955
D065
Gain Drift (ppm/qC)
0
1
2
3
4
5
6
7
0
1
3
5
5
6
6
1
1
1
0
D064
Junction Temperature (0C)
-55
-35
-15
5
25
45
65
85
105
125
2.51
2.512
2.514
2.516
2.518
2.52
2.522
D063
Gain Drift (ppm/qC)
0
2
4
6
8
10
12
0
2
3
2
7
10
1
3
1
1
0
D062
Junction Temperature (0C)
-55
-35
-15
5
25
45
65
85
105
125
1.97
1.975
1.98
1.985
1.99
1.995
2
D061
21
THS3217
www.ti.com
SBOS766B – FEBRUARY 2016 – REVISED FEBRUARY 2016
Product Folder Links: THS3217
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.14 Typical Characteristics: Miscellaneous Performance
at +VCC = 6 V, –VCC = –6 V, 50-Ω D2S source impedance , VIC = 0.25 V, internal path selected (PATHSEL = GND), VREF =
GND, D2S RLOAD = 100 Ω at pin 6, RF = 249 Ω, RG = 162 Ω, OPS on (DISABLE = GND), and OPS RLOAD = 100 Ω at pin 11
(unless otherwise noted)
30 units shown
Figure 61. D2S Gain Over Temperature
30 units from –40°C to +125°C
Figure 62. D2S Gain Drift Histogram
29 units shown
Figure 63. OPS Gain Over Temperature
29 units from –40°C to +125°C
Figure 64. OPS Gain Drift Histogram
30 units shown
Figure 65. Midscale Buffer Gain Over Temperature
30 units from –40°C to +125°C
Figure 66. Midscale Buffer Gain Drift Histograms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com