Electronic Components Datasheet Search
  English  ▼

X  

THS3217 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # THS3217
Description  THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3217 Datasheet(HTML) 49 Page - Texas Instruments

Back Button THS3217 Datasheet HTML 45Page - Texas Instruments THS3217 Datasheet HTML 46Page - Texas Instruments THS3217 Datasheet HTML 47Page - Texas Instruments THS3217 Datasheet HTML 48Page - Texas Instruments THS3217 Datasheet HTML 49Page - Texas Instruments THS3217 Datasheet HTML 50Page - Texas Instruments THS3217 Datasheet HTML 51Page - Texas Instruments THS3217 Datasheet HTML 52Page - Texas Instruments THS3217 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
14
x1
15
16
13
1
4
9
10
11
12
x1
+
3
x1
2
50 k
50 k
50
250
500
100
18.5 k
18.5 k
VPATHSEL > 1.3 V
5
6
7
8
49.9
49.9
Differential
VIN
249
130
49.9
AV= 5 V/V
249
1-dB loss
at 100 MHz
10 pF
52 pF
34
33 nH
Low Insertion Loss
3rd-Order Bessel Filter
To
50-Ÿ /RDG
49
THS3217
www.ti.com
SBOS766B – FEBRUARY 2016 – REVISED FEBRUARY 2016
Product Folder Links: THS3217
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Device Functional Modes (continued)
9.4.1.3 External Connection
In the configuration shown in Figure 92, the bias to PATHSEL (pin 4) is changed in order to select the external
input of the OPS. The external D2S output drives a low insertion loss, third-order Bessel filter. The filter in this
example is designed with a low frequency insertion loss of 1.2 dB and f–3dB = 140 MHz, and results in an
additional insertion loss of 1 dB at 100 MHz. The OPS gain is slightly increased to recover the filter loss, in order
to give an input to output gain of 5 V/V. Using an interstage filter between the D2S and the OPS improves the
step response by reducing the overshoot.
Figure 92. External Path Configuration With Interstage Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com