Electronic Components Datasheet Search
  English  ▼

X  

THS3217 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS3217
Description  THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3217 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3217 Datasheet HTML 4Page - Texas Instruments THS3217 Datasheet HTML 5Page - Texas Instruments THS3217 Datasheet HTML 6Page - Texas Instruments THS3217 Datasheet HTML 7Page - Texas Instruments THS3217 Datasheet HTML 8Page - Texas Instruments THS3217 Datasheet HTML 9Page - Texas Instruments THS3217 Datasheet HTML 10Page - Texas Instruments THS3217 Datasheet HTML 11Page - Texas Instruments THS3217 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
8
THS3217
SBOS766B – FEBRUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: THS3217
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics: OPS (continued)
at +VCC = 6.0 V, –VCC = –6.0 V, 25-Ω D2S source impedance, D2S input common-mode voltage (VIC) = 0.25 V, VREF = GND,
RF = 249 Ω
(1), R
G = 162 Ω, AV = 2.5 V/V, OPS RLOAD = 100 Ω, OPS enabled (DISABLE ≤ 0.7 V or floated), external OPS input
selected (PATHSEL
≥ 1.3 V), and TJ ≈ 25˚C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL
(2)
(6)
Output measured at pin 11.
(7)
Currents out of pin treated as a positive polarity.
Input headroom to either supply
TJ = 25°C
2.6
3.0
V
A
Common-mode rejection ratio
(CMRR)
47
49
dB
A
Noninverting input resistance
17.6
18.5
22.4
k
Ω
A
Noninverting input capacitance
3.3
pF
C
Open-loop inverting input impedance
42
Ω
C
OUTPUT(6)
Output voltage headroom to either
supply
RLOAD = 500 Ω
1.1
1.3
1.4
V
A
Linear output current
TJ = 25°C, ±2.5 V into 26-Ω RLOAD
95
120
mA
A
Peak output current
0-V output, RLOAD < 0.2 Ω
135
170
mA
A
DC output impedance
0-V output, load current = ±40 mA
0.05
0.10
Ω
A
Internal RF
17.6
18.5
22.4
k
Ω
A
PATHSEL (Pin 4; Logic Reference = Pin 7 = GND)
Input low logic level
Internal path selected
0.7
0.9
V
A
Input high logic level
External input selected at VIN (pin 9)
0.9
1.3
V
A
Input voltage range
–0.5
+VCC
V
A
PATHSEL voltage when floated
Internal input from D2S selected
0
20
40
mV
A
Input pin bias current(7)
0-V input
0
4
µA
A
3.3-V input
–150
–250
µA
A
Input pin impedance
18 || 1.5
k
Ω || pF
C
Switching time
To 1% of final value
80
ns
C
Input switching glitch
Both inputs at GND
50
mV
C
Deselected input dc isolation
± 2-V input
70
80
dB
A
Deselected input ac isolation
2 VPP, at 20-MHz input
55
65
dB
C
DISABLE (Pin 10; Logic Reference = Pin 7 = GND)
Input low logic level
0.7
0.9
V
A
Input high logic level
0.9
1.3
V
A
Shutdown control voltage range
–0.5
+VCC
V
B
Shutdown voltage when floated
Output stage enabled
0
20
40
mV
A
Input pin bias current(7)
0-V input
0
4
µA
A
3.3-V input
–150
–250
µA
A
Input pin impedance
18 || 1.5
k
Ω || pF
C
Switching time (turn on or off)
To 10% of final value
200
ns
C
Shutdown dc isolation (either input)
±2-V input
70
80
dB
A
Shutdown ac isolation (either input)
2 VPP at 20-MHz input
55
65
dB
C
POWER SUPPLY
Bipolar-supply operating range
±4.0
±6.0
±7.9
V
A
Single-supply operating range
8
12
15.8
V
B
Supply current (OPS only)
±6-V supplies
18.5
21
24.5
mA
A
Disabled supply current in OPS
±6-V supplies
2.0
2.4
3.0
mA
C
Logic reference current at pin 7(7)
Pins 4, 7, and 10 held at 0 V
200
280
380
µA
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com