Electronic Components Datasheet Search
  English  ▼

X  

THS3217 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # THS3217
Description  THS3217 DC to 800-MHz, Differential-to-Single-Ended, DAC Output Amplifier
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3217 Datasheet(HTML) 39 Page - Texas Instruments

Back Button THS3217 Datasheet HTML 35Page - Texas Instruments THS3217 Datasheet HTML 36Page - Texas Instruments THS3217 Datasheet HTML 37Page - Texas Instruments THS3217 Datasheet HTML 38Page - Texas Instruments THS3217 Datasheet HTML 39Page - Texas Instruments THS3217 Datasheet HTML 40Page - Texas Instruments THS3217 Datasheet HTML 41Page - Texas Instruments THS3217 Datasheet HTML 42Page - Texas Instruments THS3217 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
2
2
2
2
o
ni
S
bn
S
bi F
F
e
e
4kTR
i R
NG
i R
4kTR
NG
Frequency (Hz)
0.01
0.1
1
10
1M
10M
100M
D504
Gain = 2.5 V/V
Gain = 5 V/V
Gain = 10 V/V
39
THS3217
www.ti.com
SBOS766B – FEBRUARY 2016 – REVISED FEBRUARY 2016
Product Folder Links: THS3217
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Using RF values greater than the recommended values in Table 2 band-limits the response, whereas using less
than the recommended RF values peaks the response. Using the values shown in Table 2 results in an
approximately constant SSBW (see Figure 25. Holding a more constant loop-gain over the external gain setting
also acts to hold a more constant output impedance profile, as shown in Figure 84. The swept-frequency, closed-
loop, output impedance is shown for gains of 2.5 V/V, 5 V/V, and 10 V/V using the RF and RG values of Table 2.
The first two steps do a good job of delivering the same (and very low) output impedance over frequency, while
the gain of 10 V/V shows the expected higher closed-loop output impedance due to the reduced loop-gain and
bandwidth.
Figure 84. OPS Closed-Loop Output Impedance vs Gain Setting
Reducing the RF value with increasing gain also helps minimize output noise versus a fixed RF design. See
Figure 39 for the three noise terms for the OPS. The total output noise calculation is shown in Equation 17:
where
•
RS is the source impedance on the noninverting input. If the OPS is driven from the D2S stage directly using
the internal path, RS ≈ 0 Ω.
•
NG = (1 + RF / RG) for the design point.
•
The flat-band noise numbers for the OPS are:
–
Eni = 3.2 nV/√Hz
–
Ibn = 2.7 pA/√Hz
–
Ibi = 30 pA/√Hz
(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com